Electronic Components Datasheet Search
  English  ▼

X  

PE2037 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2037
Description  N FEMALE POWER DIVIDER, FREQUENCY RANGE: 12-18 GHz 2 OUTPUT PORTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2037 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2037 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE2037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2030 PASTERNACK-PE2030 Datasheet
237Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:8-18 GHz 4 OUTPUT PORTS
PE2031 PASTERNACK-PE2031 Datasheet
458Kb / 2P
50 Ohm 4 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2032 PASTERNACK-PE2032 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:5-1 GHz OUTPUT PORTS
PE2033 PASTERNACK-PE2033 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:1-2 GHz 2 OUTPUT PORTS
PE2034 PASTERNACK-PE2034 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:2-4 GHz OUTPUT PORTS
More results

Similar Description - PE2037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2011 PASTERNACK-PE2011 Datasheet
138Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 1-2 GHz OUTPUT PORTS
PE2023 PASTERNACK-PE2023 Datasheet
105Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:12-18 GHz OUTPUT PORTS
PE2024 PASTERNACK-PE2024 Datasheet
105Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 12*18 GHz 4 OUTPUT PORTS
PE2029 PASTERNACK-PE2029 Datasheet
104Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:2-18 GHz 4 OUTPUT PORTS
PE2033 PASTERNACK-PE2033 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:1-2 GHz 2 OUTPUT PORTS
PE2034 PASTERNACK-PE2034 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:2-4 GHz OUTPUT PORTS
PE2035 PASTERNACK-PE2035 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:4-8 GHz 2 OUTPUT PORTS
PE2039 PASTERNACK-PE2039 Datasheet
83Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:1-2 GHz 4 OUTPUT PORTS
PE2040 PASTERNACK-PE2040 Datasheet
81Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:2-4 GHz 4 OUTPUT PORTS
PE2043 PASTERNACK-PE2043 Datasheet
104Kb / 1P
N FEMALE POWER DIVIDER FREQUENCY RANGE:12-18 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com