Electronic Components Datasheet Search
  English  ▼

X  

GLC110 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GLC110
Description  110 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC110 Datasheet(HTML) 1 Page - SL Power Electronics

  GLC110 Datasheet HTML 1Page - SL Power Electronics GLC110 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Commercial Safety
All GLC models are approved to UL60950-1, CSA22.2 No. 950-95 3rd Ed, and
EN60950-1.
Medical Safety
All GLM models are approved to UL2601-1, CSA-C22.2 No. 601.1, EN60601-1.
Transient Response
Main Output: 500 μs typical response time for return to within 0.5% of final value
for a 50% load step change, ∆i/∆t<0.2 A/μs. Maximum voltage deviation is 3.5%.
Startup/shutdown overshoot less than 3%. Turn-On Time less than 1 second at 120
Vac, 25.
Overvoltage Protection
Built in on main output.
Efficiency
72-85% depending on model.
Input Protection
Internal ac fuse provided on all units. Designed to blow only if a catastrophic
failure occurs in the unit.
Inrush Current
Inrush limited by internal thermistors. Inrush at 240 Vac, averaged over the first ac
half-cycle under cold start conditions will not exceed 37 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions require-
ments:
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 90 Vac, 60 Hz with full rated output load not to
exceed 2.9 A.
Hold-up Time
20 ms minimum from loss of ac input at full load, nominal line (120 Vac).
Output Power
Normal continuous output power is 75 W for unrestricted natural convection,
or 110 W with 26 cfm air flow.
Output Regulation
Load regulation on dual output models is measured by ±40% load change
from 60% rated load and input voltage change from minimum to maximum
ratings.
Output #1 requires 1A minimum load for proper regulation of other outputs.
Initial set tolerance is measured with all outputs at 60% of full rated load.
Load regulation for single-output models measured by changing load from
5% to 50% load or 50% to full load in either direction.
Voltage Adjustment
Output #1 adjustment is ±5%. Note: output #1 must not be more than 1%
below nominal to achieve full output regulation on output #2. High voltage
settings may degrade the reliability of the unit due to excessive power
dissipation in some outputs.
Overload Protection
Fully protected against short circuit and output overload. Short circuit protec-
tion is cycling type power limit. Factory set to begin power limiting at 120 W.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with
noise probe directly across output terminals of the power supply.
POWER FAIL
Power fail signal is TTL or CMOS compatible (output goes low <0.5 V) 5 ms
before output voltage drops more than 4% below nominal voltage upon
loss of AC power. The signal is factory set to trip on 84 to 94 Vac brown-out
depending upon incoming line impedance and distortion. Other settings are
available to the user through adjustment of built in potentiometer (consult
factory for assistance). Output will stay low for 20 ms minimum.
GLC110 Commercial/GLM110 Medical
110 Watt Global Performance Switchers
• Cost-effective power source
• Single- and dual-output units
• Low height (1.30”)
• 2-year warranty
• Power fail signal standard
• Commercial Approved to UL60950-1, EN60950-1,
CSA22.2 No. 950-95 3rd Ed.
• Medical Approved to UL2601-1, EN60601-1,
CSA-C22.2 No. 601.1
• Complies with EN61000-3-2 Class A
• RoHS Compliant Model Available (G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
FEATURES:
SPECIFICATIONS
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GLC110
Conducted Emissions GLM110
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
Line Frequency Harmonics
EN55022 Class B; FCC Class B
EN55011 Class B: FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
EN61000-3-2 Class A


Similar Part No. - GLC110

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GLC110 GSG-GLC110 Datasheet
111Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
logo
SL Power Electronics
GLC110-12 SLPOWER-GLC110-12 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GLC110-15 SLPOWER-GLC110-15 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GLC110-212 SLPOWER-GLC110-212 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GLC110-215 SLPOWER-GLC110-215 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
More results

Similar Description - GLC110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
140 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
40 WATT GLOBAL PERFORMANCE SWITCHERS
GPFC110 SLPOWER-GPFC110 Datasheet
363Kb / 2P
110 Watt Global Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
250 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
20 WATT GLOBAL PERFORMANCE SWITCHERS
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
28 Watt Global Performance Switchers
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com