Electronic Components Datasheet Search
  English  ▼

X  

APT12080JVR Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT12080JVR
Description  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT12080JVR Datasheet(HTML) 3 Page - Advanced Power Technology

  APT12080JVR Datasheet HTML 1Page - Advanced Power Technology APT12080JVR Datasheet HTML 2Page - Advanced Power Technology APT12080JVR Datasheet HTML 3Page - Advanced Power Technology APT12080JVR Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPERES)
FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS
FIGURE 5, RDS(ON) vs DRAIN CURRENT
TC, CASE TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
TJ, JUNCTION TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0
120
240
360
480
600
0
5
10
15
20
25
0
2468
0
8
16
24
32
40
25
50
75
100
125
150
-50 -25
0
25
50
75
100 125 150
-50 -25
0
25
50
75 100 125 150
-50 -25
0
25
50
75 100 125 150
APT12080JVR
ID = 0.5 ID [Cont.]
VGS = 10V
30
24
18
12
6
0
1.25
1.20
1.15
1.10
1.05
1.00
0.95
1.15
1.10
1.05
1.00
0.95
0.90
1.2
1.1
1.0
0.9
0.8
0.7
0.6
30
24
18
12
6
0
50
40
30
20
10
0
16
12
8
4
0
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VDS> ID (ON) x RDS (ON)MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
VGS=10V
VGS=20V
TJ = +125°C
TJ = +25°C
4.5V
4V
VGS=5V, 6V, 7V, 10V & 15V
4.5V
4V
VGS=5V, 6V, 7V, 10V & 15V
TJ = -55°C
NORMALIZED TO
VGS = 10V @ 0.5 ID [Cont.]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com