Electronic Components Datasheet Search
  English  ▼

X  

GPC41-28 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPC41-28
Description  41 WATT GLOBAL PERFORMANCE SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPC41-28 Datasheet(HTML) 2 Page - SL Power Electronics

  GPC41-28 Datasheet HTML 1Page - SL Power Electronics GPC41-28 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Commercial
Model
Medical
Model
Output
Current
Minimum
Load
Load
Regulation
Initial Setpoint
Tolerance
OVP
Setpoint
Ripple and
Noise
GPC41-5
GPM41-5
5.1 V
6.0 A
0.15
0.75%
2%
6.2 ± 0.6 V
1%
GPC41-12
GPM41-12
12 V
3.3 A
0.03
0.75%
2%
14 ± 1.0 V
1%
GPC41-15
GPM41-15
15 V
2.7 A
0.03
0.75%
2%
19 ± 1.5 V
1%
GPC41-24
GPM41-24
24 V
1.7 A
0.01
0.75%
2%
28± 2.5 V
1%
GPC41-28
28 V
1.4 A
0.01
0.75%
2%
34 ± 2.8 V
1%
Note: Add“G”suffix to model number for RoHS compliant model.
SL Power Electronics Corp., 6050 King Drive, Bldg.A, Ventura, CA, 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com. Rev. 4/08.
Data Sheet © 2008 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
3
3
ENVIRONMENTAL SPECIFICATIONS
OPERATING
NON-OPERATING
Temperature (A)
See individual specs.
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
A. Units should be allowed to warm up/operate under non-condensing conditions before application of power. Derate output
current and total output power by 2.5% per °C above 50°C. For operation in a confined space, moving air may be required. Under
all conditions, the cooling vs. load profile should be such that heat sinks and/or heatsink temperatures do not exceed 90 °C for
extended periods.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating
and 1 hr./axis non-operating.
GPC41/GPM41 MECHANICAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com