Electronic Components Datasheet Search
  English  ▼

X  

PE2076 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2076
Description  SMA FEMALE Power Divider 8-Way 800-2500MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2076 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2076 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE2076

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2070 PASTERNACK-PE2070 Datasheet
243Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 MHz to 500 MHz Rated at 1 Watts
PE2071 PASTERNACK-PE2071 Datasheet
74Kb / 1P
N FEMALE POWER DIVIDER 2-WAY 800-2500 MHz
PE2072 PASTERNACK-PE2072 Datasheet
125Kb / 1P
N FEMALE POWER DIVIDER 3-WAY 800-2500MHz
PE2073 PASTERNACK-PE2073 Datasheet
124Kb / 1P
N FEMALE POWER DIVIDER 4-WAY 800-2500 MHZ
PE2074 PASTERNACK-PE2074 Datasheet
123Kb / 1P
SMA Female Power Divider 2-way 800-2500MHz
More results

Similar Description - PE2076

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXMBGF-T-2-800-2500-C AAC-JXMBGF-T-2-800-2500-C Datasheet
538Kb / 1P
Air Dielectric Power Divider 800 to 2500MHz
JXMBGF-T-2-800-2500 AAC-JXMBGF-T-2-800-2500 Datasheet
337Kb / 1P
Microstrip Power Divider 800 to 2500MHz
logo
Pasternack Enterprises,...
PE2071 PASTERNACK-PE2071 Datasheet
74Kb / 1P
N FEMALE POWER DIVIDER 2-WAY 800-2500 MHz
PE2072 PASTERNACK-PE2072 Datasheet
125Kb / 1P
N FEMALE POWER DIVIDER 3-WAY 800-2500MHz
PE2073 PASTERNACK-PE2073 Datasheet
124Kb / 1P
N FEMALE POWER DIVIDER 4-WAY 800-2500 MHZ
PE2074 PASTERNACK-PE2074 Datasheet
123Kb / 1P
SMA Female Power Divider 2-way 800-2500MHz
PE2075 PASTERNACK-PE2075 Datasheet
127Kb / 1P
SMA Female Power Divider 4-way 800-2500MHz
PE2086 PASTERNACK-PE2086 Datasheet
243Kb / 2P
50 Ohm 8 Way SMA Wilkinson Power Divider
PE2091 PASTERNACK-PE2091 Datasheet
259Kb / 3P
50 Ohm 8 Way SMA Wilkinson Power Divider
PE20DV1067 PASTERNACK-PE20DV1067 Datasheet
685Kb / 5P
4 Way SMA Power Divider
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com