Electronic Components Datasheet Search
  English  ▼

X  

APT15D30C Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT15D30C
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15D30C Datasheet(HTML) 2 Page - Advanced Power Technology

  APT15D30C Datasheet HTML 1Page - Advanced Power Technology APT15D30C Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
TYP
MAX
40
50
35
60
170
170
23
3.5
5
45
135
1.6
1.6
150
100
UNIT
ns
Amps
nC
Volts
A/µs
APT15D30C
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/µs, V
R
= 30V, T
J
= 25°C
Reverse Recovery Time
T
J
= 25°C
I
F
= 15A, di
F
/dt = -100A/µs, V
R
= 180V
T
J
= 100°C
Forward Recovery Time
T
J
= 25°C
I
F
= 15A, di
F
/dt = -100A/µs, V
R
= 180V
T
J
= 100°C
Reverse Recovery Current
T
J
= 25°C
I
F
= 15A, di
F
/dt = -100A/µs, V
R
= 180V
T
J
= 100°C
Recovery Charge
T
J
= 25°C
I
F
= 15A, di
F
/dt = -100A/µs, V
R
= 180V
T
J
= 100°C
Forward Recovery Voltage
T
J
= 25°C
I
F
= 15A, di
F
/dt = -100A/µs, V
R
= 180V
T
J
= 100°C
Rate of Fall of Recovery Current
T
J
= 25°C
I
F
= 15A, di
F
/dt = -100A/µs, V
R
= 180V
T
J
= 100°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/ dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
Symbol
RqJC
RqJA
W
T
Torque
MIN
TYP
MAX
2.3
80
0.16
4.4
UNIT
°C/W
oz
gm
lb•in
N•m
TO-254 Package Outline
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
APT Reserves the right to change, without notice, the specifications and information contained herein.
5.08 (.200) BSC
1.14 (.045)
0.88 (.035)
17.65 (.695)
17.39 (.685)
4.19 (.165)
3.94 (.155)
Cathode
N.C.
Anode
1.65 (.065)
1.39 (.055)
Dia. Typ.
3 Leads
17.96 (.707)
17.70 (.697)
19.05 (0.750)
12.70 (0.500)
21.21 (.835)
20.70 (.815)
8.89 (.350)
8.63 (.340)
Dimensions in Millimeters and (Inches)
3.56 (.140) BSC
6.86 (.270)
6.09 (.240)
13.84 (.545)
13.58 (.535)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com