Electronic Components Datasheet Search
  English  ▼

X  

KBPC604 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KBPC604
Description  SINGLE PHASE SILICON
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KBPC604 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KBPC604 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE: 50 TO 1000V CURRENT: 6.0A
FEATURES
• Surge overload rating: 125A peak
• High case dielectric strength
• High temperature soldering guaranteed:
250
oC/10sec/0.375"(9.5mm) lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: UL-94 Class V-O recognized flame
retardant epoxy
• Polarity: Polarity symbol marked on body
• Mounting position: Hole thru for
#6 screw
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
KBPC
6005
KBPC
601
KBPC
602
KBPC
604
KBPC
606
KBPC
608
KBPC
610
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(Tc=75
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at forward current 3.0A DC)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=100
oC
µA
Operating Temperature Range
TJ
oC
Storage Temperature
TSTG
oC
IF(AV)
6.0
A
IFSM
125
A
IR
10.0
500
-55 to +125
KBPC6005 THRU KBPC610
SINGLE PHASE SILICON
RATINGS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load,
derate current by 20%)
VF
1.0
V
-55 to +150
Dimensions in inches and (millimeters)
KBPC
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - KBPC604

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC604 WTE-KBPC604 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC604 JGD-KBPC604 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC604 SEMTECH-KBPC604 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC604 SSE-KBPC604 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC604 CHENYI-KBPC604 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBPC604

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP1000 TRSYS-CP1000 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shanghai Lunsure Electr...
KBPC15005 CHENYI-KBPC15005 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
GOOD-ARK Electronics
BR60 GOOD-ARK-BR60 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBP005 GOOD-ARK-KBP005 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS401L GOOD-ARK-RS401L Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
W005 GOOD-ARK-W005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
2W005 CHENG-YI-2W005 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 CHENG-YI-BR305 Datasheet
280Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
GeneSiC Semiconductor, ...
KBU8J GENESIC-KBU8J Datasheet
300Kb / 3P
Single Phase Silicon
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com