Electronic Components Datasheet Search
  English  ▼

X  

APT15D40BCT Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT15D40BCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15D40BCT Datasheet(HTML) 2 Page - Advanced Power Technology

  APT15D40BCT Datasheet HTML 1Page - Advanced Power Technology APT15D40BCT Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
TYP
MAX
40
50
40
70
170
170
2.8
5
510
56
175
1.6
1.6
150
100
UNIT
ns
Amps
nC
Volts
A/
µs
APT15D40BCT
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A /
µs, V
R
= 30V, T
J
= 25
°C
Reverse Recovery Time
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Time
T
J
= 25
°C
I
F
= 15A, di
F
/dt = 100A /
µs, V
R
= 240V
T
J
= 100
°C
Reverse Recovery Current
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 240V
T
J
= 100
°C
Recovery Charge
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A /
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Voltage
T
J
= 25
°C
I
F
= 15A, di
F
/dt = 100A /
µs, V
R
= 240V
T
J
= 100
°C
Rate of Fall of Recovery Current
T
J
= 25
°C
I
F
= 15A, di
F
/dt = -100A/
µs, V
R
= 240V (See Figure 10)
T
J
= 100
°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3.5mm Machine)
Symbol
RθJC
RθJA
W
T
Torque
MIN
TYP
MAX
1.7
80
0.07
1.9
6.4
0.7
UNIT
°C/W
oz
gm
lb•in
N•m
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
5.45 (.215) BSC
3.55 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Common Cathode
Anode 2
Anode 1
Dimensions in Millimeters and (Inches)
2-Plcs.
TO-247 Package Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com