Electronic Components Datasheet Search
  English  ▼

X  

GPFC160 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPFC160
Description  160 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPFC160 Datasheet(HTML) 1 Page - SL Power Electronics

  GPFC160 Datasheet HTML 1Page - SL Power Electronics GPFC160 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
62
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPFC160 Commercial
160 Watt Global Performance Switchers
FEATURES:
• 3.0 watts/cu.in. power density
• Compact size (4.5" x 7.0" x 1.7"; meets 1U height)
• Power factor corrected to IEC 1000-3-2; Class A
• Less than 300 µA leakage
• EMI compliance to CISPR22, FCC Class B
• Commercial Approved to UL1950, IEC950, EN60950
and CSA 22.2 No. 950
• 2-year warranty
•
SPECIFICATIONS:
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current 2.3 A at 90 Vac, 60 Hz with full
rated load. Input current harmonic content meets the
requirements of IEC1000-3-2.
Hold-upTime
25 ms minimum from loss of ac input at full load, nominal
line (115 Vac).
Output Power
Total regulation is the maximum deviation from the
nominal voltage for all steady-state loading conditions.
Each individual output is to be used within its specified
limits of that output. Peak ratings are for 60 s maximum
duration, 10% duty cycle.
Overload Protection
Fully protected against short circuit and output overload.
Short circuit protection is cycling type power limit.
Recovery after fault is automatic.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz Bandwidth, differential
mode. Measured with noise probe directly across output
terminals of the power supply.
Transient Response
500 ms typical response time for return to within 0.5% of
final value for a 50% load step change,
∆i/∆t< 0.2 A/ms.
Maximum voltage deviation is 3.5%.
Remote Sense
Provided as a standard feature. Capable of compensating
for 0.25 V total of cabling losses.
Overvoltage Protection
Built in on all models. OVP crowbar reduces output
voltage below nominal rating in less than 50 ms.
Voltage Adjustment
Main output ±5%.
marked to LVD
Input Protection
Internal ac fuse provided on all models. Fuse does not
blow on overload or short circuit—fuse blows only if
catastrophic failure occurs in the unit.
Inrush Current
Inrush 240 Vac is less than 37 A, averaged over the first
ac half-cycle under cold start conditions. Limiting pro-
vided by internal thermistors.
Fan Output
An additional 12 Vdc, 250 mA output suitable for power-
ing a dc fan is included in all models. The output is
protected by an internal PTC in the event of an overload.
Thermal Shutdown
Provided as a standard feature. Designed to protect the
unit from prolonged over temperature.
Power Fail
TTL or CMOS compatible output goes low (<0.5 V) 8 ms
before output voltage drops more than 4% below nominal
voltage upon loss of ac power. The signal is factory set to
trip when input power can no longer sustain the output.
Temperature Coefficient
0.03%/°C typical on all outputs.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the
following emissions requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions
EN55022 Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact, 8 kV air
RF Field Susceptibility
EN61000-4-3, 3 V/meter
Fast Transients/Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Commercial Safety
Approved to UL1950, CSA22.2 950, IEC950, and
EN60950. UL file #E135803 commercial; CSA #LR46516.
The output(s) are intended for safety earthed Signal
Output and Intermediate Circuits only. All dc outputs are
SELV under normal and single fault conditions.


Similar Part No. - GPFC160

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC110 SLPOWER-GPFC110 Datasheet
363Kb / 2P
110 Watt Global Performance Switchers
GPFC110-28 SLPOWER-GPFC110-28 Datasheet
363Kb / 2P
110 Watt Global Performance Switchers
GPFC110-48 SLPOWER-GPFC110-48 Datasheet
363Kb / 2P
110 Watt Global Performance Switchers
GPFC125 SLPOWER-GPFC125 Datasheet
230Kb / 2P
125 Watt Global Performance Switchers
GPFC125A SLPOWER-GPFC125A Datasheet
230Kb / 2P
125 Watt Global Performance Switchers
More results

Similar Description - GPFC160

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
140 Watt Global Performance Switchers
GLC110 SLPOWER-GLC110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
40 WATT GLOBAL PERFORMANCE SWITCHERS
GPC55 SLPOWER-GPC55 Datasheet
296Kb / 2P
55 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
250 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
20 WATT GLOBAL PERFORMANCE SWITCHERS
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
28 Watt Global Performance Switchers
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com