Electronic Components Datasheet Search
  English  ▼

X  

GPFC125F Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPFC125F
Description  125 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPFC125F Datasheet(HTML) 2 Page - SL Power Electronics

  GPFC125F Datasheet HTML 1Page - SL Power Electronics GPFC125F Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPFC125 Commercial/GPFM125 Medical 125 Watt Multiple Output
INPUT: J1 AMP P.C.B. HEADER P/N 640445-5
PIN 1) AC LINE
PIN 2) N/C
PIN 3) AC NEUTRAL
PIN 4) N/C
PIN 5) AC GROUND
MATING CONNECTOR AMP P/N
HOUSING 640250-5
CONTACT 770476-1
SIGNALS: J2
AMP P.C.B. HEADER P/N 640456-4
MATING CONNECTOR P/N 640440-4
PIN 1) POWER FAIL
PIN 2) -SENSE
PIN 3) +SENSE
PIN 4) COMMON
OUTPUT: J3 AMP P.C.B HEADER P/N 1-640445-3
PIN 1) -V4OUT
PIN 2-4) +V1OUT
PINS 5-9) COMMON
PIN 10,11) +V2 OUT
PIN 12) +V3OUT
PIN 13) -V3RTN
MATING CONNECTOR AMP P/N
HOUSING 1-640250-3
CONTACT 770476-1
OPTIONAL COVER P/N 08-30466-2125
WEIGHT: 1.25 LBS [ .56 KG]
GPFC125/GPFM125 MECHANICAL SPECIFICATIONS
Notes:
A. Continuous rating for unrestricted convection cooling.
B. Peak rating or continuous rating with 150 LFM air cooling.
C. Output 3 is isolated. Can be connected as + or - output.
Commercial
Medical
Voltage
Output Voltage
Output
Qutput
Voltage
OVP
Total
Ripple/
Model
Model
Output No.
Current (A)
Current (B)
Adjustment
Regulation
Noise
GPFC125A
GPFM125A
1
+5 V
9 A
16 A
±5%
6.2 ±0.6 V
1%
1%
2
+12 V
4 A
7 A
±5%
--
1%
1%
312 V (C)
2.5 A
4 A
--
--
1%
1%
4-12 V
0.3 A
1 A
--
--
1%
1%
GPFC125B
GPFM125B
1
+5 V
9 A
16 A
±5%
6.2 ±0.6 V
1%
1%
2
+12 V
4 A
7 A
±5%
--
1%
1%
312 V (C)
2.5 A
4 A
--
--
1%
1%
4-5 V
0.3 A
1 A
--
--
1%
1%
GPFC125C
GPFM125C
1
+5 V
9 A
16 A
±5%
6.2 ±0.6 V
1%
1%
2
+12 V
4 A
7 A
±5%
--
1%
1%
315 V (C)
2.5 A
4 A
--
--
1%
1%
4-15 V
0.3 A
1 A
--
--
1%
1%
GPFC125D
GPFM125D
1
+5 V
9 A
16 A
±5%
6.2 ±0.6 V
1%
1%
2
+24 V
3 A
4.5 A
±5%
--
1%
1%
312 V (C)
2.5 A
4 A
--
--
1%
1%
4-12 V
0.3 A
1 A
--
--
1%
1%
GPFC125E
GPFM125E
1
+5 V
9 A
16 A
±5%
6.2 ±0.6 V
1%
1%
2
+24 V
3 A
4.5 A
±5%
--
1%
1%
315 V (C)
2.5 A
4 A
--
--
1%
1%
4-15 V
0.3 A
1 A
--
--
1%
1%
GPFC125F
GPFM125F
1
+5 V
9 A
16 A
±5%
6.2 ±0.6 V
1%
1%
2
+15 V
3.5 A
6 A
±5%
--
1%
1%
315 V (C)
2.5 A
4 A
--
--
1%
1%
4
- 5 V
0.3 A
1 A
--
--
1%
1%
GPFC125G
GPFM125G
1+5 V
9 A
16 A
±5%
6.2 ±0.6 V
1%
1%
2
+3.3 V
7 A
10 A
±5%
4.2 ±0.6 V
1%
2%
312 V (C)
2.5 A
4 A
--
--
1%
1%
4-12 V
0.3 A
1 A
--
--
1%
1%
GPFC125H
GPFM125H
1
+3.3 V
9 A
16 A
±5%
4.2 ±0.6 V
1%
2%
2
+5 V
4 A
7 A
±5%
6.2 ±0.6 V
1%
1%
312 V (C)
2.5 A
4 A
--
--
1%
1%
4-12 V
0.3 A
1 A
--
--
1%
1%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com