Electronic Components Datasheet Search
  English  ▼

X  

GSC20 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GSC20
Description  20 WATT GLOBAL PERFORMANCE SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GSC20 Datasheet(HTML) 1 Page - SL Power Electronics

  GSC20 Datasheet HTML 1Page - SL Power Electronics GSC20 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSC20 Commercial
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at minimum 120 Vac, 60 Hz with full rated output
load is 0.6 A.
Hold-up Time
15 ms minimum from loss of ac input at full load, nominal line (115 Vac).
Output Power
Normal continuous output power is 20 W, 24 W peak for 60 s maximum
duration, 10% duty cycle. Factory set to begin power limiting at approxi-
mately 28 W.
Output Regulation
Regulation from initial setpoint measured by changing load from 5% load to
50% load or 50% load to full load in either direction. Initial setpoint tolerance
is measured at 50% load. A minimum load of 5% of the output current is
required to maintain proper regulation.
Overload Protection
Fully protected against short circuit and output overload. Short circuit pro-
tection is cycling type power limit
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with
scope probe directly across output terminals of the power supply with load
terminated with 0.1 uF capacitor.
Transient Response
Main output: 750 μs typical response time for return to within 0.5% of final
value for a 50% load step within the regulation limits of minimum and
maximum load, ∆l/∆t <0.2 A/μs Maximum voltage deviation is 3.5%. Startup/
shutdown overshoot less than 2%.
Overvoltage Protection
Built in with firing point set per ratings table. OVP firing reduces voltage to
less than 50% of nominal voltage in 50 ms.
Turn-on time
Less than 1 second at 115 Vac, 25o C (inversely proportionate to input voltage
and thermistor temperature.
20 WATT GLOBAL PERFORMANCE SWITCHERS
• Industry’s smallest 20 W switcher
• Business-card size (2.0 x 3.5 x 0.71”)
• Approved to UL60950, CSA-C22.2 No. 60950,
EN60950, IEC60950 with CB Certificate
• EMI FCC Class B, CISPR22B
• Overvoltage protection standard
• RoHS compliant models available (G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Summary:
SPECIFICATIONS
•
marked to LVD
Efficiency
70% minimum at full rated load, nominal input voltage. Efficiency increases as
output voltage increases.
Input Protection
Internal ac fuse provided on all units. Inrush Current
Inrush is limited by internal thermistor. The inrush at 230 Vac, averaged over the
first ac half-cycle under cold start conditions will not exceed 32 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
Environmental
Designed for 0 to 50°C operation at full rated output power; derate output current
and total output power by 2.5% per °C above 50°C. See Environmental Specifica-
tions on next page.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions require-
ments:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
EN55022 Class B; FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kH
EN61000-4-5, 1 kV diff., 2 kV com.
Commercial Safety
Condor D.C. Power Supplies, Inc. declares under our sole responsibility that all GSC
models are in conformity with the applicable requirements of EN60950 following
the provisions of the Low Voltage Directive 73/23/EEC. All GSC models are ap-
proved to UL60950, CSA-C22.2 No. 60950, EN60950, IEC60950 with CB Certificate.


Similar Part No. - GSC20

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GSC20-12 SLPOWER-GSC20-12 Datasheet
234Kb / 2P
GSC20 Commercial 20 WATT GLOBAL PERFORMANCE SWITCHERS
GSC20-15 SLPOWER-GSC20-15 Datasheet
234Kb / 2P
GSC20 Commercial 20 WATT GLOBAL PERFORMANCE SWITCHERS
GSC20-15G SLPOWER-GSC20-15G Datasheet
234Kb / 2P
GSC20 Commercial 20 WATT GLOBAL PERFORMANCE SWITCHERS
GSC20-24 SLPOWER-GSC20-24 Datasheet
234Kb / 2P
GSC20 Commercial 20 WATT GLOBAL PERFORMANCE SWITCHERS
GSC20-28 SLPOWER-GSC20-28 Datasheet
234Kb / 2P
GSC20 Commercial 20 WATT GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GSC20

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
140 Watt Global Performance Switchers
GLC110 SLPOWER-GLC110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
40 WATT GLOBAL PERFORMANCE SWITCHERS
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
25 Watt Global Performance Switchers
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
28 Watt Global Performance Switchers
GSC20-15G SLPOWER-GSC20-15G Datasheet
234Kb / 2P
GSC20 Commercial 20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
110 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com