Electronic Components Datasheet Search
  English  ▼

X  

IPC120 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IPC120
Description  1 PCI slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC120 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC120 Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC120 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
316
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Packing List
Dimensions
1 x IPC120 with IMB201VGGA
1 x 270W power supply w/o power cord
1 x 1-slot 32bit PCI riser card
1 x CPU heatsink (up to TDP 65W CPU support)
2 x SATA2 signal cable
1 x utility CD
IPC120
(P/N: E26G120100)
Super slim 1U LGA775 socket Intel
® Core™2 Duo industrial
barebone system with ATX 270W and PCI slot
*Specifications and certifications are based on options and may vary.
Power Protection
AC Version
OVP (over voltage protection)
SCP (short circuit protection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com