Electronic Components Datasheet Search
  English  ▼

X  

RG59B-U Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG59B-U
Description  75 Ohm Flexible RG59 Coax Cable Single Shielded with Black PVC(NC) Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG59B-U Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG59B-U Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG59B-U Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG59B-U Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Shield:
Number of
1
Material 1
Copper Braid
Diameter, in [mm]
0.169 [4.29]
Jacket:
Material
PVC (NC)
Diameter, in [mm]
0.242 [6.15]
Color
Black
Weight, lbs/ft [Kg/m]
0.035 [0.05]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/flexible-0.242-rg59-75-ohm-coax-cable-pvc-jacket-rg59b-u-p.aspx
75 Ohm Flexible RG59 Coax Cable Single Shielded with Black PVC (NC) Jacket from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
75 Ohm Flexible RG59 Coax Cable Single
Shielded with Black PVC (NC) Jacket
RG59B/U
RG59B/U REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com