Electronic Components Datasheet Search
  English  ▼

X  

RG71B-U Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # RG71B-U
Description  93 Ohm Flexible RG71 COAX Cable Double Shielded with Black PE Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG71B-U Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  RG71B-U Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG71B-U Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG71B-U Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
93 Ohm Flexible RG71 Coax Cable Double Shielded with Black PE Jacket
Configuration
Inner Conductor Material and Plating
Copper Clad Steel
Dielectric Type
PE (AS)
Shield Materials
Tinned Copper Braid, Tinned Copper Braid
Jacket Material and Color
PE, Black
Electrical Specifications
Impedance, Ohms
93
Velocity of Propagation, %
81
Maximum Operating Frequency, MHz
1000
Capacitance, pF/ft [pF/m]
13.5 [44.29]
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
50
Attenuation, dB/100ft [dB/100m]
1.37 [4.49]
Frequency 2
Frequency, MHz
100
Attenuation, dB/100ft [dB/100m]
1.97 [6.46]
Frequency 3
Frequency, MHz
200
Attenuation, dB/100ft [dB/100m]
2.85 [9.35]
Frequency 4
Frequency, MHz
400
Attenuation, dB/100ft [dB/100m]
4.16 [13.65]
Frequency 5
Frequency, MHz
700
Attenuation, dB/100ft [dB/100m]
5.68 [18.64]
Frequency 6
Frequency, MHz
900
Attenuation, dB/100ft [dB/100m]
6.55 [21.49]
Frequency 7
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
6.95 [22.8]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 93 Ohm Flexible RG71 Coax Cable Double Shielded with Black PE Jacket RG71B/U
RG71B/U
RG71B/U REV
93 Ohm Flexible RG71 Coax Cable Double
Shielded with Black PE Jacket


Similar Part No. - RG71B-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG717 ETC2-RG717 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
More results

Similar Description - RG71B-U

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-C195 PASTERNACK-PE-C195 Datasheet
1Mb / 4P
Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket
PE-C240 PASTERNACK-PE-C240 Datasheet
1Mb / 4P
Low Loss Flexible RG8X Type Coax Cable Double Shielded with Black PE Jacket
PE-C400 PASTERNACK-PE-C400 Datasheet
464Kb / 3P
Low Loss Flexible RG8 Type Coax Cable Double Shielded with Black PE Jacket
RG6A-U PASTERNACK-RG6A-U Datasheet
279Kb / 3P
75 Ohm Flexible RG6 Coax Cable Double Shielded with Black PVC (NC) Jacket
PE-B150 PASTERNACK-PE-B150 Datasheet
1Mb / 3P
75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket
PE-P086HF PASTERNACK-PE-P086HF Datasheet
629Kb / 4P
Flexible PE-P086HF Coax Cable Double Shielded with Blue FEP Jacket
PE-P141HF PASTERNACK-PE-P141HF Datasheet
640Kb / 4P
Flexible PE-P141HF Coax Cable Double Shielded with Blue FEP Jacket
RG55B-U PASTERNACK-RG55B-U Datasheet
1Mb / 3P
53 Ohm Flexible RG55 Coax Cable Double Shielded with Black PE Jacket
RG217-U PASTERNACK-RG217-U Datasheet
370Kb / 3P
Flexible RG217 Coax Cable Double Shielded with Black PVC Jacket
RG223-U PASTERNACK-RG223-U Datasheet
399Kb / 3P
Flexible RG223 Coax Cable Double Shielded with Black PVC Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com