Electronic Components Datasheet Search
  English  ▼

X  

PE9463 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9463
Description  N Female to MCX Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9463 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9463 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9463 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female to MCX Plug Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
MCX Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.356 [34.44]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
MCX Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-mcx-plug-straight-adapter-pe9463-p.aspx
N Female to MCX Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Female to MCX Plug Adapter
PE9463
PE9463 REV


Similar Part No. - PE9463

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9460 PASTERNACK-PE9460 Datasheet
111Kb / 1P
7mm TO 2.9mm MALE, PRECISION ADAPTER
PE9461 PASTERNACK-PE9461 Datasheet
89Kb / 1P
7mm TO 2.9mm FEMALE PRECISION ADAPTER FREQUENCY RANGE:DC TO 18GHz
PE9462 PASTERNACK-PE9462 Datasheet
247Kb / 2P
N Female to MCX Jack Adapter
PE9464 PASTERNACK-PE9464 Datasheet
250Kb / 2P
N Male to MCX Jack Adapter
PE9465 PASTERNACK-PE9465 Datasheet
249Kb / 2P
N Male to MCX Plug Adapter
More results

Similar Description - PE9463

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9462 PASTERNACK-PE9462 Datasheet
247Kb / 2P
N Female to MCX Jack Adapter
PE9465 PASTERNACK-PE9465 Datasheet
249Kb / 2P
N Male to MCX Plug Adapter
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
MCX Jack to BNC Female Adapter
PE9467 PASTERNACK-PE9467 Datasheet
240Kb / 2P
MCX Plug to BNC Female Adapter
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9479 PASTERNACK-PE9479 Datasheet
246Kb / 2P
MCX Plug to MCX Jack Adapter
PE9525 PASTERNACK-PE9525 Datasheet
247Kb / 2P
MMCX Plug to MCX Jack Adapter
PE9527 PASTERNACK-PE9527 Datasheet
247Kb / 2P
MMCX Plug to MCX Plug Adapter
PE9545 PASTERNACK-PE9545 Datasheet
246Kb / 2P
TNC Female to MCX Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com