Electronic Components Datasheet Search
  English  ▼

X  

PE9468 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9468
Description  MCX Jack to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9468 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9468 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9468 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MCX Jack to BNC Male Adapter
Configuration
Connector 1
MCX Jack
Impedance 1
50 Ohms
Connector 2
BNC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.18 [29.97]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
MCX Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mcx-jack-bnc-male-straight-adapter-pe9468-p.aspx
MCX Jack to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MCX Jack to BNC Male Adapter
PE9468
PE9468 REV


Similar Part No. - PE9468

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9460 PASTERNACK-PE9460 Datasheet
111Kb / 1P
7mm TO 2.9mm MALE, PRECISION ADAPTER
PE9461 PASTERNACK-PE9461 Datasheet
89Kb / 1P
7mm TO 2.9mm FEMALE PRECISION ADAPTER FREQUENCY RANGE:DC TO 18GHz
PE9462 PASTERNACK-PE9462 Datasheet
247Kb / 2P
N Female to MCX Jack Adapter
PE9463 PASTERNACK-PE9463 Datasheet
248Kb / 2P
N Female to MCX Plug Adapter
PE9464 PASTERNACK-PE9464 Datasheet
250Kb / 2P
N Male to MCX Jack Adapter
More results

Similar Description - PE9468

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
PE9392 PASTERNACK-PE9392 Datasheet
248Kb / 2P
SSMB Jack to BNC Male Adapter
PE9464 PASTERNACK-PE9464 Datasheet
250Kb / 2P
N Male to MCX Jack Adapter
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
MCX Jack to BNC Female Adapter
PE9469 PASTERNACK-PE9469 Datasheet
250Kb / 2P
MCX Plug to BNC Male Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9520 PASTERNACK-PE9520 Datasheet
251Kb / 2P
Bulkhead MCX Jack to BNC Female Adapter
PE9542 PASTERNACK-PE9542 Datasheet
245Kb / 2P
TNC Male to MCX Jack Adapter
logo
Pomona Electronics
MODEL4054 POMONA-MODEL4054 Datasheet
22Kb / 1P
Adapter ??Phono Jack to BNC Male
logo
Pasternack Enterprises,...
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
SMC Jack to BNC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com