Electronic Components Datasheet Search
  English  ▼

X  

PE9469 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9469
Description  MCX Plug to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9469 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9469 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9469 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MCX Plug to BNC Male Adapter
Configuration
Connector 1
MCX Plug
Impedance 1
50 Ohms
Connector 2
BNC Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.18 [29.97]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
MCX Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mcx-plug-bnc-male-straight-adapter-pe9469-p.aspx
MCX Plug to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MCX Plug to BNC Male Adapter
PE9469
PE9469 REV


Similar Part No. - PE9469

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9460 PASTERNACK-PE9460 Datasheet
111Kb / 1P
7mm TO 2.9mm MALE, PRECISION ADAPTER
PE9461 PASTERNACK-PE9461 Datasheet
89Kb / 1P
7mm TO 2.9mm FEMALE PRECISION ADAPTER FREQUENCY RANGE:DC TO 18GHz
PE9462 PASTERNACK-PE9462 Datasheet
247Kb / 2P
N Female to MCX Jack Adapter
PE9463 PASTERNACK-PE9463 Datasheet
248Kb / 2P
N Female to MCX Plug Adapter
PE9464 PASTERNACK-PE9464 Datasheet
250Kb / 2P
N Male to MCX Jack Adapter
More results

Similar Description - PE9469

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9135 PASTERNACK-PE9135 Datasheet
253Kb / 3P
SMB Plug to BNC Male Adapter
PE9139 PASTERNACK-PE9139 Datasheet
252Kb / 3P
SMC Plug to BNC Male Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
SSMB Plug to BNC Male Adapter
PE9465 PASTERNACK-PE9465 Datasheet
249Kb / 2P
N Male to MCX Plug Adapter
PE9467 PASTERNACK-PE9467 Datasheet
240Kb / 2P
MCX Plug to BNC Female Adapter
PE9468 PASTERNACK-PE9468 Datasheet
242Kb / 2P
MCX Jack to BNC Male Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9543 PASTERNACK-PE9543 Datasheet
247Kb / 2P
TNC Male to MCX Plug Adapter
logo
Linx Technologies
ADP-SMAM-MCXM LINX-ADP-SMAM-MCXM Datasheet
338Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX PLUG (MALE PIN)
logo
Huber+Suhner, Inc.
33_MCX-BNC-50-11--_U HUBERSUHNER-33_MCX-BNC-50-11--_U Datasheet
491Kb / 2P
COAXIAL ADAPTER, MCX - BNC, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com