Electronic Components Datasheet Search
  English  ▼

X  

PE9472 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9472
Description  SMA Male to MCX Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9472 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9472 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9472 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to MCX Jack Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
MCX Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.777 [19.74]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
MCX Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-mcx-jack-straight-adapter-pe9472-p.aspx
SMA Male to MCX Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to MCX Jack Adapter
PE9472
PE9472 REV


Similar Part No. - PE9472

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9474 PASTERNACK-PE9474 Datasheet
78Kb / 1P
MCX JACK TO MCX JACK BULKHEAD
PE9475 PASTERNACK-PE9475 Datasheet
240Kb / 2P
SMA Female to MMCX Plug Adapter
More results

Similar Description - PE9472

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
PE9464 PASTERNACK-PE9464 Datasheet
250Kb / 2P
N Male to MCX Jack Adapter
PE9468 PASTERNACK-PE9468 Datasheet
242Kb / 2P
MCX Jack to BNC Male Adapter
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9479 PASTERNACK-PE9479 Datasheet
246Kb / 2P
MCX Plug to MCX Jack Adapter
PE9542 PASTERNACK-PE9542 Datasheet
245Kb / 2P
TNC Male to MCX Jack Adapter
logo
Linx Technologies
ADP-SMAF-MCXM LINX-ADP-SMAF-MCXM Datasheet
348Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MCX PLUG (MALE PIN)
ADP-SMAM-MCXF LINX-ADP-SMAM-MCXF Datasheet
346Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX JACK (FEMALE SOCKET)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com