Electronic Components Datasheet Search
  English  ▼

X  

PE9475 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9475
Description  SMA Female to MMCX Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9475 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9475 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9475 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to MMCX Plug Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
MMCX Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.682 [17.32]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
MMCX Plug
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-mmcx-plug-straight-adapter-pe9475-p.aspx
SMA Female to MMCX Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to MMCX Plug Adapter
PE9475
PE9475 REV


Similar Part No. - PE9475

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9474 PASTERNACK-PE9474 Datasheet
78Kb / 1P
MCX JACK TO MCX JACK BULKHEAD
More results

Similar Description - PE9475

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9476 PASTERNACK-PE9476 Datasheet
247Kb / 2P
SMA Male to MMCX Plug Adapter
PE9477 PASTERNACK-PE9477 Datasheet
239Kb / 2P
SMA Female to MMCX Jack Adapter
PE9519 PASTERNACK-PE9519 Datasheet
247Kb / 2P
MMCX Plug to BNC Female Adapter
PE35575-12 PASTERNACK-PE35575-12 Datasheet
359Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
PE35575-24 PASTERNACK-PE35575-24 Datasheet
360Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
PE35575-36 PASTERNACK-PE35575-36 Datasheet
359Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
PE35575-60 PASTERNACK-PE35575-60 Datasheet
359Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
logo
Linx Technologies
ADP-SMAF-MMXM LINX-ADP-SMAF-MMXM Datasheet
347Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MMCX PLUG (MALE PIN)
ADP-SMAM-MMXF LINX-ADP-SMAM-MMXF Datasheet
357Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MMCX JACK (FEMALE SOCKET)
logo
Molex Electronics Ltd.
0733860300 MOLEX-0733860300 Datasheet
30Kb / 1P
50 Ohms, SMA Plug-to-MMCX Plug Adapter, Tray
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com