Electronic Components Datasheet Search
  English  ▼

X  

PE9476 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9476
Description  SMA Male to MMCX Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9476 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9476 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9476 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to MMCX Plug Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
MMCX Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.714 [18.14]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
MMCX Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-mmcx-plug-straight-adapter-pe9476-p.aspx
SMA Male to MMCX Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to MMCX Plug Adapter
PE9476
PE9476 REV


Similar Part No. - PE9476

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9474 PASTERNACK-PE9474 Datasheet
78Kb / 1P
MCX JACK TO MCX JACK BULKHEAD
More results

Similar Description - PE9476

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
SMA Male to SMC Plug Adapter
PE9475 PASTERNACK-PE9475 Datasheet
240Kb / 2P
SMA Female to MMCX Plug Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9480 PASTERNACK-PE9480 Datasheet
246Kb / 2P
MMCX Plug to MMCX Jack Adapter
logo
Linx Technologies
ADP-SMAF-MMXM LINX-ADP-SMAF-MMXM Datasheet
347Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MMCX PLUG (MALE PIN)
ADP-SMAM-MMXF LINX-ADP-SMAM-MMXF Datasheet
357Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MMCX JACK (FEMALE SOCKET)
ADP-SMAM-MMXM LINX-ADP-SMAM-MMXM Datasheet
362Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MMCX PLUG (MALE PIN)
logo
Molex Electronics Ltd.
0733860300 MOLEX-0733860300 Datasheet
30Kb / 1P
50 Ohms, SMA Plug-to-MMCX Plug Adapter, Tray
08/26/2022
logo
Huber+Suhner, Inc.
33_MMCX-SMA-50-1111_U HUBERSUHNER-33_MMCX-SMA-50-1111_U Datasheet
497Kb / 2P
COAXIAL ADAPTER, MMCX - SMA, 50 Ohm, plug / jack (male / female)
33_MMCX-SMA-50-2111_N HUBERSUHNER-33_MMCX-SMA-50-2111_N Datasheet
485Kb / 2P
COAXIAL ADAPTER, MMCX - SMA, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com