Electronic Components Datasheet Search
  English  ▼

X  

PE9477 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9477
Description  SMA Female to MMCX Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9477 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9477 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9477 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to MMCX Jack Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
MMCX Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.682 [17.32]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
MMCX Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-mmcx-jack-straight-adapter-pe9477-p.aspx
SMA Female to MMCX Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to MMCX Jack Adapter
PE9477
PE9477 REV


Similar Part No. - PE9477

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9474 PASTERNACK-PE9474 Datasheet
78Kb / 1P
MCX JACK TO MCX JACK BULKHEAD
More results

Similar Description - PE9477

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9475 PASTERNACK-PE9475 Datasheet
240Kb / 2P
SMA Female to MMCX Plug Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9480 PASTERNACK-PE9480 Datasheet
246Kb / 2P
MMCX Plug to MMCX Jack Adapter
PE9516 PASTERNACK-PE9516 Datasheet
248Kb / 2P
MMCX Jack to BNC Female Adapter
PE9522 PASTERNACK-PE9522 Datasheet
247Kb / 2P
MMCX Jack to MMCX Jack Bulkhead Adapter
PE9526 PASTERNACK-PE9526 Datasheet
247Kb / 2P
MMCX Jack to MCX Jack Adapter
PE91006 PASTERNACK-PE91006 Datasheet
252Kb / 3P
SMA Female to UMCX Jack Adapter
logo
Linx Technologies
ADP-SMAF-MMXM LINX-ADP-SMAF-MMXM Datasheet
347Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MMCX PLUG (MALE PIN)
ADP-SMAM-MMXF LINX-ADP-SMAM-MMXF Datasheet
357Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MMCX JACK (FEMALE SOCKET)
logo
Huber+Suhner, Inc.
31_MMCX-SMA-50-1111_O HUBERSUHNER-31_MMCX-SMA-50-1111_O Datasheet
494Kb / 2P
COAXIAL ADAPTER, MMCX - SMA, 50 Ohm, jack / jack (female / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com