Electronic Components Datasheet Search
  English  ▼

X  

PE9480 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9480
Description  MMCX Plug to MMCX Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9480 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9480 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9480 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MMCX Plug to MMCX Jack Adapter
Configuration
Connector 1
MMCX Plug
Impedance 1
50 Ohms
Connector 2
MMCX Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.492 [12.5]
Width/Dia., in [mm]
0.155 [3.94]
.
Connector 1
Type
MMCX Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
MMCX Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mmcx-plug-mmcx-jack-straight-adapter-pe9480-p.aspx
MMCX Plug to MMCX Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MMCX Plug to MMCX Jack Adapter
PE9480
PE9480 REV


Similar Part No. - PE9480

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9485 PASTERNACK-PE9485 Datasheet
255Kb / 3P
SMA Female to SMA Female Right Angle Adapter
More results

Similar Description - PE9480

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9477 PASTERNACK-PE9477 Datasheet
239Kb / 2P
SMA Female to MMCX Jack Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9516 PASTERNACK-PE9516 Datasheet
248Kb / 2P
MMCX Jack to BNC Female Adapter
PE9518 PASTERNACK-PE9518 Datasheet
241Kb / 2P
MMCX Jack to BNC Male Adapter
PE9522 PASTERNACK-PE9522 Datasheet
247Kb / 2P
MMCX Jack to MMCX Jack Bulkhead Adapter
PE9523 PASTERNACK-PE9523 Datasheet
75Kb / 1P
MMCX JACK TO MMCX JACK
PE9525 PASTERNACK-PE9525 Datasheet
247Kb / 2P
MMCX Plug to MCX Jack Adapter
PE9526 PASTERNACK-PE9526 Datasheet
247Kb / 2P
MMCX Jack to MCX Jack Adapter
PE9527 PASTERNACK-PE9527 Datasheet
247Kb / 2P
MMCX Plug to MCX Plug Adapter
PE9528 PASTERNACK-PE9528 Datasheet
245Kb / 2P
MMCX Jack to MCX Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com