Electronic Components Datasheet Search
  English  ▼

X  

PE9481 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9481
Description  N Tee Adapter Male-Female-Female
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9481 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9481 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9481 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Tee Adapter Male-Female-Female
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
N Female
Impedance 2
50 Ohms
Connector 3
N Female
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Size
Length, in [mm]
2.028 [51.51]
Width/Dia., in [mm]
0.8 [20.32]
Height, in [mm]
1.215 [30.86]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
N Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Connector 3
Type
N Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-female-female-tee-adapter-pe9481-p.aspx
N Tee Adapter Male-Female-Female from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Tee Adapter Male-Female-Female
PE9481
PE9481 REV


Similar Part No. - PE9481

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9480 PASTERNACK-PE9480 Datasheet
246Kb / 2P
MMCX Plug to MMCX Jack Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9485 PASTERNACK-PE9485 Datasheet
255Kb / 3P
SMA Female to SMA Female Right Angle Adapter
More results

Similar Description - PE9481

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9101 PASTERNACK-PE9101 Datasheet
254Kb / 3P
N Tee Adapter Female-Female-Female
PE9102 PASTERNACK-PE9102 Datasheet
252Kb / 3P
N Tee Adapter Female-Male-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9182 PASTERNACK-PE9182 Datasheet
251Kb / 3P
SMA Tee Adapter Female-Male-Female
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
PE9211 PASTERNACK-PE9211 Datasheet
241Kb / 3P
MHV Tee Adapter Female-Male-Female
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
TNC Tee Adapter Male-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9575 PASTERNACK-PE9575 Datasheet
248Kb / 3P
HN Tee Adapter Female-Male-Female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com