Electronic Components Datasheet Search
  English  ▼

X  

PE9482 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9482
Description  N Female to TNC Female Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9482 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9482 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9482 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9482 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female to TNC Female Bulkhead Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
TNC Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, GHz
DC to 10
VSWR
1.35:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.81 [20.57]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
N Female to TNC Female Bulkhead Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to TNC Female Bulkhead Adapter PE9482
PE9482
PE9482 REV


Similar Part No. - PE9482

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9480 PASTERNACK-PE9480 Datasheet
246Kb / 2P
MMCX Plug to MMCX Jack Adapter
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9485 PASTERNACK-PE9485 Datasheet
255Kb / 3P
SMA Female to SMA Female Right Angle Adapter
More results

Similar Description - PE9482

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9099 PASTERNACK-PE9099 Datasheet
245Kb / 3P
TNC Female to TNC Female Adapter
PE9131 PASTERNACK-PE9131 Datasheet
251Kb / 3P
N Female to TNC Female Adapter
PE9251 PASTERNACK-PE9251 Datasheet
254Kb / 3P
SMA Female to TNC Female Bulkhead Adapter
PE9287 PASTERNACK-PE9287 Datasheet
239Kb / 2P
Bulkhead Isolated Ground TNC Female to TNC Female Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE9154 PASTERNACK-PE9154 Datasheet
357Kb / 3P
Hermetically Sealed TNC Female to TNC Female Bulkhead Adapter IP67 Rated
PE9624 PASTERNACK-PE9624 Datasheet
349Kb / 3P
Bulkhead Hermetically Sealed 75 Ohm TNC Female to TNC Female Adapter
PE91205 PASTERNACK-PE91205 Datasheet
337Kb / 3P
Bulkhead TNC Female to TNC Female Adapter IP67 Mated
PE91242 PASTERNACK-PE91242 Datasheet
361Kb / 3P
Bulkhead TNC Female to TNC Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com