Electronic Components Datasheet Search
  English  ▼

X  

KC7050B Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC7050B
Description  CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC7050B Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC7050B Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CMOS/ 3.3V/ 5.0V/ 7.0
×5.0mm
Clock Oscillators Surface Mount Type
KC7050B Series (FXO-31F Series)
RoHS Compliant
Features
• Surface mount type suitable for auto
pick-and-place
• Reflow soldering compatible
• CMOS, TTL IC direct drive is possible
• With tri-state function
• Broad frequency range from 1.8MHz to 50MHz
• Supply voltage VCC
=3.3/ 5.0V available
Frequency Tolerance (Overall)
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
1
±100
-10 to +70
(Standard)
1.8 to 50MHz
0
± 50
1.8 to 33MHz
S
± 30
How to Order
KC7050B 25.0000 C 3 1 A 00
①
②
③ ④ ⑤ ⑥ ⑦
① Type
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage 5=5.0V, 3=3.3V
⑤ Frequency Tolerance (See Table at Left)
⑥ Symmetry/ INH Function
A: 40/ 60%, Disable
B: 40/ 60%, Stand-by
⑦ Customer Special Model Suffix
(STD Specification is “00”)
Symmetry/ INH Function
Freq.
(MHz)
Code
KC7050B-C5 KC7050B-C3
1.8 to 39.9
A
A
40 to 50
A
B
Specifications
Item
Symbol
Conditions
Units
KC7050Bxx.xxxxC5xA00 (FXO-31FH)
KC7050Bxx.xxxxC3xx00 (FXO-31FL)
Output Frequency Range
fo
1.8 to 50
MHz
Frequency Tolerance (Overall)
f_tol
±30 (to 33MHz)
×10-6
±50 (to 33MHz)
±100 (to 50MHz)
Storage Temperature Range
T_stg
-40 to +85
°C
Operating Temperature Range
T_use
-10 to +70
°C
Max. Supply Voltage
—
7 max.
V
Supply Voltage
VCC
5
±0.5
3.3
±0.3
V
Current Consumption
ICC
25 max. (1.8 to 15MHz)
18 max. (1.8 to 39.9MHz)
mA
30 max. (15.1 to 32MHz)
25 max. (40 to 50MHz)
45 max. (32.1 to 50MHz)
Stand-by/ Disable Current
I_std
10 max.
μA
Symmetry
SYM
40 to 60@50%VCC
%
Rise/ Fall Time
tr/ tf
10 max.
ns
Low Level Output Voltage
VOL
10% VCC max.
V
High Level Output Voltage
VOH
90% VCC min.
V
CMOS Load
L_CMOS
50 max.
20 max.
pF
Input Voltage Range
VIN
0 to VCC
0 to VCC
V
Low Level Input Voltage
VIL
0.8 max.
0.3 max.
V
High Level Input Voltage
VIH
2.2 min.
2.2 min.
V
Disable Time
t_dis
150 max.
ns
Enable Time
t_ena
5 max.
ms
Start-up Time
t_str
10 max.
ms
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
(Unit: mm)
Recommended Land Pattern (Unit: mm)
INH Function
Pad1
Pad3 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (Output-Stop)
Pad Connections
#1 INH
#2 GND
#3 Output
#4 VCC
7.0
5.1
0.6
1.4
#2
#1
#4
#3
Plating: Ni+Au
Tolerance: ±0.2
1.8
5.1
Note: A capacitor of value 0.01
µF between VCC
and GND is recommended.


Similar Part No. - KC7050B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B KSS-KC7050B Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B KSS-KC7050B Datasheet
129Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
KC7050B KSS-KC7050B Datasheet
65Kb / 1P
Clock Oscillators
KC7050B80.0000C5ZBQZ KSS-KC7050B80.0000C5ZBQZ Datasheet
65Kb / 1P
Clock Oscillators
More results

Similar Description - KC7050B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032D KSS-KC5032D Datasheet
119Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
KC5032D KSS-KC5032D_12 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
CMOS/ 1.8V/ 7.0횞5.0mm
KC7050A-C2 KSS-KC7050A-C2 Datasheet
127Kb / 1P
CMOS/ 2.5V/ 7.0횞5.0mm
KC7050A-C3 KSS-KC7050A-C3 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 7.0횞5.0mm
KC7050A-C5 KSS-KC7050A-C5 Datasheet
125Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-34F KSS-KC7050B_FXO-34F Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-37FNB KSS-KC7050B_FXO-37FNB Datasheet
129Kb / 1P
CMOS/ 5.0V/ 7.0횞5.0mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com