Electronic Components Datasheet Search
  English  ▼

X  

202 Datasheet(PDF) 1 Page - Marl International Limited

Part # 202
Description  Direct replacement for French Style T1 Midget Flange SX3s
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

202 Datasheet(HTML) 1 Page - Marl International Limited

  202 Datasheet HTML 1Page - Marl International Limited 202 Datasheet HTML 2Page - Marl International Limited 202 Datasheet HTML 3Page - Marl International Limited 202 Datasheet HTML 4Page - Marl International Limited 202 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
202 series
• Direct replacement for French Style T1 Midget Flange SX3s
• Water clear lens
• Flat topped for enhanced, even illumination of large lens
areas
• Centre contact Anode as standard
• Reverse polarity options available
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
202-301-23-38
Red
24-28 Vdc
20
900
660
-40 - +85
-40 - +85
A
202-325-23-38
Yellow
24-28 Vdc
20
3500
590
-40 - +100
-40 - +120
Y
202-324-23-38
Green
24-28 Vdc
20
36000
523
-30 - +85
-40 - +100
R
202-934-23-38
Blue
24-28 Vdc
20
7485
468
-30 - +85
-40 - +100
R
202-998-23-38
White
24-28 Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
202-301-21-38
Red
12 Vdc
20
900
660
-40 - +85
-40 - +85
A
202-998-21-38
White
12 Vdc
19
12900
* See below
-30 - +85
-40 - +100
H
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 202 - version 2012-12-06-113418
page 1 of 5


Similar Part No. - 202

ManufacturerPart #DatasheetDescription
logo
Littelfuse
202 LITTELFUSE-202 Datasheet
40Kb / 1P
FLAT-PAK Fast Acting Fuse202 Series
logo
Alpha Wire
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
M12-A Female 4 Pin Field Attachable
logo
Vishay Siliconix
202 VISHAY-202 Datasheet
116Kb / 4P
1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
07-Dec-2018
logo
France Joint
202 FRANCEJOINT-202 Datasheet
365Kb / 2P
ROD SEALS
logo
Ashcroft, Inc.
202 ASHCROFT-202 Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
More results

Similar Description - 202

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
205 MARL-205 Datasheet
274Kb / 5P
Direct replacement for T1 쩐 Midget Groove S5.7s
206 MARL-206 Datasheet
277Kb / 5P
Direct replacement for T1 쩐 Midget Flange SX6s
210 MARL-210 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
235 MARL-235 Datasheet
193Kb / 4P
Direct replacement for T1 쩐 Midget Groove S5.7s
236 MARL-236 Datasheet
195Kb / 4P
Direct replacement for T1 쩐 Midget Flange SX6s
261 MARL-261 Datasheet
215Kb / 3P
Direct replacement for T3 쩌 Midget Edison Screw E10
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
Direct replacement for T1 쩐 Midget Groove S5.7s
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
Direct replacement for T1 쩐 Midget Flange SX6s
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
Direct replacement for T3 쩌 Midget Edison Screw E10
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com