Electronic Components Datasheet Search
  English  ▼

X  

204 Datasheet(PDF) 1 Page - Marl International Limited

Part # 204
Description  Direct replacement for T1 쩐 Bi-Pin
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

204 Datasheet(HTML) 1 Page - Marl International Limited

  204 Datasheet HTML 1Page - Marl International Limited 204 Datasheet HTML 2Page - Marl International Limited 204 Datasheet HTML 3Page - Marl International Limited 204 Datasheet HTML 4Page - Marl International Limited 204 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
204 series
• Direct replacement for T1 ¾ Bi-Pin
• Flat topped for enhanced, even illumination of large lens
areas
• Reduces maintenance costs
• ‘Fit and Forget’ reliability
• Warm white LED may be used behind coloured lens as a
true replacement for a filament lamp
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
204-501-21-38
Red
12 Vdc
20
600
630
-40 - +80
-40 - +100
D
204-521-21-38
Yellow
12 Vdc
20
600
585
-40 - +80
-40 - +100
D
204-532-21-38
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
204-930-21-38
Blue
12 Vdc
20
140
465
-30 - +85
-40 - +100
U
204-997-21-38
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
204-993-21-38
Warm White
12 Vdc
20
Call
* See below
-30 - +85
-40 - +100
I
204-501-23-38
Red
24-28 Vdc
17
600
630
-40 - +80
-40 - +100
D
204-521-23-38
Yellow
24 - 28 Vdc
17
600
585
-40 - +80
-40 - +100
D
204-532-23-38
Green
24-28 Vdc
16
800
515
-40 - +80
-40 - +100
F
204-997-23-38
White
24-28 Vdc
16
27000
* See below
-30 - +85
-40 - +100
I
204-993-23-38
Warm White
24-28 Vdc
16
Call
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 204 - version 2013-02-27-173140
page 1 of 5


Similar Part No. - 204

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
204 ALPHAWIRE-204 Datasheet
217Kb / 2P
M12-A Female 90 Degree 4 Pin Field Attachable
logo
Moxa Inc.
204 MOXA-204 Datasheet
611Kb / 3P
4 and 7-port entry-level USB hubs
logo
Ashcroft, Inc.
204 ASHCROFT-204 Datasheet
447Kb / 3P
104/204 In-Line Threaded Diaphragm Seal
RevB_06-21-21
logo
Abbatron All Rights Res...
204 ABBATRON-204 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
204 KEYSTONE-204 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
More results

Similar Description - 204

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
FILAMENT REPLACEMENT LEDs - T1 쩐
202 MARL-202 Datasheet
273Kb / 5P
Direct replacement for French Style T1 Midget Flange SX3s
205 MARL-205 Datasheet
274Kb / 5P
Direct replacement for T1 쩐 Midget Groove S5.7s
206 MARL-206 Datasheet
277Kb / 5P
Direct replacement for T1 쩐 Midget Flange SX6s
207 MARL-207 Datasheet
260Kb / 5P
Direct replacement for T1 쩐 Wedge Base F9
212 MARL-212 Datasheet
266Kb / 5P
Direct replacement for T1 쩐 Lilliput Edison Screw E5
235 MARL-235 Datasheet
193Kb / 4P
Direct replacement for T1 쩐 Midget Groove S5.7s
236 MARL-236 Datasheet
195Kb / 4P
Direct replacement for T1 쩐 Midget Flange SX6s
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
Direct replacement for T1 쩐 Midget Groove S5.7s
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
Direct replacement for T1 쩐 Midget Flange SX6s
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com