Electronic Components Datasheet Search
  English  ▼

X  

PE9490 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9490
Description  Precision N Female to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9490 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9490 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9490 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision N Female to BNC Male Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
BNC Male
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 8
Maximum VSWR
1.2:1
Mechanical Specifications
Size
Length, in [mm]
1.965 [49.91]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-bnc-male-straight-adapter-pe9490-p.aspx
Precision N Female to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision N Female to BNC Male Adapter
PE9490
PE9490 REV


Similar Part No. - PE9490

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9491 PASTERNACK-PE9491 Datasheet
253Kb / 2P
Precision N Male to BNC Female Adapter
PE9492 PASTERNACK-PE9492 Datasheet
252Kb / 2P
Precision N Female to BNC Female Adapter
PE9493 PASTERNACK-PE9493 Datasheet
253Kb / 2P
Precision SMA Male to BNC Male Adapter
PE9493 PASTERNACK-PE9493 Datasheet
253Kb / 2P
Precision SMA Male to BNC Male Adapter
PE9494 PASTERNACK-PE9494 Datasheet
246Kb / 2P
Precision SMA Female to BNC Male Adapter
More results

Similar Description - PE9490

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3288 POMONA-3288 Datasheet
27Kb / 1P
Adapter N (Male) To BNC (Female)
logo
Pasternack Enterprises,...
PE9002 PASTERNACK-PE9002 Datasheet
254Kb / 3P
N Male to BNC Female Adapter
PE9005 PASTERNACK-PE9005 Datasheet
253Kb / 3P
N Female to BNC Male Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9426 PASTERNACK-PE9426 Datasheet
239Kb / 2P
Precision N Male to N Female Adapter
PE9489 PASTERNACK-PE9489 Datasheet
253Kb / 2P
Precision N Male to BNC Male Adapter
PE9491 PASTERNACK-PE9491 Datasheet
253Kb / 2P
Precision N Male to BNC Female Adapter
PE9492 PASTERNACK-PE9492 Datasheet
252Kb / 2P
Precision N Female to BNC Female Adapter
PE9494 PASTERNACK-PE9494 Datasheet
246Kb / 2P
Precision SMA Female to BNC Male Adapter
PE9495 PASTERNACK-PE9495 Datasheet
252Kb / 2P
Precision SMA Male to BNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com