Electronic Components Datasheet Search
  English  ▼

X  

212 Datasheet(PDF) 1 Page - Marl International Limited

Part # 212
Description  Direct replacement for T1 쩐 Lilliput Edison Screw E5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

212 Datasheet(HTML) 1 Page - Marl International Limited

  212 Datasheet HTML 1Page - Marl International Limited 212 Datasheet HTML 2Page - Marl International Limited 212 Datasheet HTML 3Page - Marl International Limited 212 Datasheet HTML 4Page - Marl International Limited 212 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
212 series
• Direct replacement for T1 ¾ Lilliput Edison Screw E5
• ‘Fit and Forget’ reliability
• Centre contact Anode as standard
• Water clear lens
• Durable to shock and vibration
• Warm white LEDs may be used behind coloured lens as a
true replacement for a filament lamp
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
212-501-21-38
Red
12 Vdc
10
600
630
-40 - +80
-40 - +100
D
212-521-21-38
12 Vdc
10
-
212-532-21-38
Green
12 Vdc
10
800
515
-40 - +80
-40 - +100
F
212-930-21-38
Blue
12 Vdc
10
140
465
-30 - +85
-40 - +100
U
212-997-21-38
White
12 Vdc
10
27000
* See below
-30 - +85
-40 - +100
I
212-993-21-38
Warm White
12 Vdc
10
Call
* See below
-30 - +85
-40 - +100
I
212-501-23-38
Red
28 Vdc
8
600
630
-40 - +80
-40 - +100
D
212-521-23-38
Yellow
28 Vdc
8
600
585
-40 - +80
-40 - +100
D
212-532-23-38
Green
28 Vdc
8
800
515
-40 - +80
-40 - +100
F
212-930-23-38
28 Vdc
8
-
212-997-23-38
White
28 Vdc
8
27000
* See below
-30 - +85
-40 - +100
I
212-993-23-38
Warm White
28 Vdc
8
Call
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 212 - version 2013-01-29-173302
page 1 of 5


Similar Part No. - 212

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
logo
Alpha Wire
212 ALPHAWIRE-212 Datasheet
199Kb / 2P
M8 Male 3 Pin Field Attachable
logo
Abbatron All Rights Res...
212 ABBATRON-212 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Walther-Werke
212 WALTHER-212 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
HellermannTyton.
212-1-G HELLERMANNTYTON-212-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results

Similar Description - 212

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
204 MARL-204 Datasheet
280Kb / 5P
Direct replacement for T1 쩐 Bi-Pin
205 MARL-205 Datasheet
274Kb / 5P
Direct replacement for T1 쩐 Midget Groove S5.7s
206 MARL-206 Datasheet
277Kb / 5P
Direct replacement for T1 쩐 Midget Flange SX6s
207 MARL-207 Datasheet
260Kb / 5P
Direct replacement for T1 쩐 Wedge Base F9
210 MARL-210 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
235 MARL-235 Datasheet
193Kb / 4P
Direct replacement for T1 쩐 Midget Groove S5.7s
236 MARL-236 Datasheet
195Kb / 4P
Direct replacement for T1 쩐 Midget Flange SX6s
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
Direct replacement for T1 쩐 Midget Groove S5.7s
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
Direct replacement for T1 쩐 Midget Flange SX6s
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com