Electronic Components Datasheet Search
  English  ▼

X  

217 Datasheet(PDF) 1 Page - Marl International Limited

Part # 217
Description  Direct replacement for E27 (European Standard)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

217 Datasheet(HTML) 1 Page - Marl International Limited

  217 Datasheet HTML 1Page - Marl International Limited 217 Datasheet HTML 2Page - Marl International Limited 217 Datasheet HTML 3Page - Marl International Limited 217 Datasheet HTML 4Page - Marl International Limited 217 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
217 series
• Direct replacement for E27 (European Standard)
• BA22 (UK) and E27 (Europe) versions also available
• 20 LED cluster
• Optional polycarbonate, water clear lens
• Pack Quantity = 1 Piece
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
217-501-22-65
Red
24 Vdc
75
2800
660
-40 - +85
-40 - +85
A
217-521-22-65
Yellow
24 Vdc
75
6100
580-590
-40 - +80
-40 - +120
D
217-532-22-65
Green
24 Vdc
75
34700
525
-30 - +85
-40 - +100
D
217-930-22-65
Blue
24 Vdc
75
9870
468
-30 - +85
-40 - +100
U
217-997-22-65
White
24 Vdc
75
27000
* See below
-30 - +85
-40 - +100
I
217-501-75-65
Red
110 Vac
22
2800
660
-40 - +85
-40 - +85
A
217-521-75-65
Yellow
110 Vac
22
6100
580-590
-40 - +80
-40 - +120
D
217-532-75-65
Green
110 Vac
22
34700
525
-30 - +85
-40 - +100
D
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 217 - version 2012-12-06-113535
page 1 of 5


Similar Part No. - 217

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
217 MICROSEMI-217 Datasheet
365Kb / 9P
1.5A Three Terminal Adj. Voltage Regulator
logo
Alpha Wire
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
logo
Littelfuse
217 LITTELFUSE-217 Datasheet
995Kb / 4P
5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
logo
List of Unclassifed Man...
217 ETC-217 Datasheet
7Mb / 21P
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
logo
Littelfuse
217 LITTELFUSE-217 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 217

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
Direct replacement for T6.8 Slide Base
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
218 MARL-218 Datasheet
231Kb / 4P
Direct replacement for E26 (North American Standard)
231 MARL-231 Datasheet
283Kb / 5P
Direct replacement for BA15s
240 MARL-240 Datasheet
202Kb / 4P
Direct replacement for BA15d
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
Direct replacement for BA15s
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
Direct replacement for BA15d
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
logo
ILSI America LLC
IM841 ILSI-IM841 Datasheet
417Kb / 7P
Direct pin to pin drop-in replacement for industry-standard packages
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com