Electronic Components Datasheet Search
  English  ▼

X  

AV200 Datasheet(PDF) 2 Page - A-Data Technology

Part # AV200
Description  Easy to create wireless hotspot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AV200 Datasheet(HTML) 2 Page - A-Data Technology

  AV200 Datasheet HTML 1Page - A-Data Technology AV200 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adata-group.com
Specifications
> Ports: Mini-USB Port for PC / USB Charger Mode
RJ45 (WAN Port)
USB-AF for UFD (Max, 500mA) – Wireless Mode
Memory Card I/F for SD / MMC – PC / Wireless Mode
> Built-in Li-Polymer rechargeable battery:
1100 mAh (up to 3-hour of operation time)
> Dimensions (L x W x H): 60 x 50 x 25mm (2.3 x 1.9 x 0.9in)
> Weight: 55g (0.1 lb)
> Certifications: FCC / CE
Type
Dimensions(mm) PCs/Carton CUFT
Carton Gross Weight
Carton Dimensions(mm)
Retail
55g
130 x 103 x 35
40
1.3
6.503Kg
442 x 352 x 240
Weight
Ordering Information
Packaging Information
Capacity
Model Number
Color
EAN Code
NA
AAV200-CWH
White
4713435795828
DashDrive Air AV200 Overview
> Wireless Standard: IEEE 802.11b/g/n standards compliant,
transmission speed up to 150Mbps
> System Compatibility: iOS/Android/Windows/OS X
> Power: 5V DC in
> Warranty: 1 year
> Temperature: Operating 0ºC~55ºC; Storage -20ºC~55ºC
> Box Contents: AV200; Quick Guide; Mini USB Cable



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com