Electronic Components Datasheet Search
  English  ▼

X  

SH14 Datasheet(PDF) 1 Page - A-Data Technology

Part # SH14
Description  SuperSpeed USB 3.0 Interface: Equipped with a 2.5-inch 5,400 RPM hard drive and USB 3.0 transfer interface, achieving read/write performance up to 109MB/s.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SH14 Datasheet(HTML) 1 Page - A-Data Technology

  SH14 Datasheet HTML 1Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.adata-group.com
SH14 Portable Hard Drive
Storage
Capacity
Videos up to
(13G per hours)
Songs up to
(4 min per song)
500GB
100,000
150,000
38
57
125,000
187,000
750GB
200,000
76
250,000
1TB
Photos up to
(3.5MB per Photo)
Ordering Information
Capacity
Model Number
Color
EAN Code
500GB
750GB
Red
Red
Black
Black
ASH14-500GU3-CRD
ASH14-500GU3-CBK
ASH14-750GU3-CRD
ASH14-750GU3-CBK
ASH14-1TU3-CRD
ASH14-1TU3-CBK
4713435792629
4713435792612
4713435792643
4713435792636
4713435793107
4713435793091
1TB
Red
Black
Features
> SuperSpeed USB 3.0 Interface:
Equipped with a 2.5-inch 5,400 RPM hard drive and USB 3.0 transfer
interface, achieving read/write performance up to 109MB/s.
> Military MIL-STD-810F Shockproof Standard:
Tested at 26 drops on 8 corners, 12 edges, and 6 surfaces individually
from a height of 122cm. Afterwards, the SH14 functions normally with
no mechanical failures.
> IPX4 Water-Resistant Standard:
The product is put to the test against water penetration with the USB
port sealed by the silicone cover. The SH14 is then sprayed with water
at all angles at 10 liters/min, at a pressure of 80-100kN/m for 5 minutes.
After spray test, the SH14 functions normally and free of mechanical failures.
> Unique Product design:
The exterior is constructed of silicone material is a curved grid pattern
that provides a unique smooth and non-slip smooth surface.
109.6 MB/s
107.2 MB/s
29.5 MB/s
USB 3.0
34.7 MB/s
USB 2.0
Read
Write
Read
Write
1. Test software: ATTO
2. Hard disk: Toshiba 750GB
3. Test platform: X58A-UD3R
Note: Test results will vary according to hard drive and test platform.
Specifications
> Device Interface: SuperSpeed USB 3.0
(backward compatible with USB 2.0/1.1)
> HDD Interface: 2.5" SATA
> Dimensions (L x W x H): 122.2 x 82.8 x 19.9mm
(4.76 x 3.26 x 0.78 in)
> Weight: 210g (0.46lb)
> Capacity: 500GB / 750GB / 1TB
> System Compatibility: Windows 2000, XP, Vista, 7 / Mac OS X 10.6 or later / Linux Kernel 2.6.31 or later
> Warranty: 3 years
> Temperature: Operating 5°C~50°C; Storage -20°C ~60°C
> Box Contents: USB 3.0 cable; Quick Install Guide
2


Similar Part No. - SH14

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
logo
Infinite Electronics In...
SH142-20 FAIRVIEW-SH142-20 Datasheet
542Kb / 3P
WR-42 Standard Waveguide Horn With Square Cover Flange and 20 dBi Nominal Gain Operating From 18 GHz to 26.5 GHz Frequency Range
REV 3.2
logo
Sanyo Semicon Device
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
2-Phase Stepping Motor
SH1421-5241 SANYO-SH1421-5241 Datasheet
136Kb / 2P
2-Phase Stepping Motor
SH1422-5041 SANYO-SH1422-5041 Datasheet
136Kb / 2P
2-Phase Stepping Motor
More results

Similar Description - SH14

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
NH13 A-DATA-NH13 Datasheet
611Kb / 1P
SuperSpeed USB 3.0 Interface:Delivers data transfer rates up to 5Gb/s.
logo
Tripp Lite. All Rights ...
U357002 TRIPPLITE-U357002 Datasheet
513Kb / 2P
USB 3.0 SuperSpeed 2 Bay SATA Hard Drive RAID Enclosure w Fan for 3.5 and 2.5 drives
U357025R TRIPPLITE-U357025R Datasheet
527Kb / 2P
USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
SuperSpeed USB 3.0
logo
Tripp Lite. All Rights ...
U357-002 TRIPPLITE-U357-002 Datasheet
173Kb / 2P
USB 3.0 SuperSpeed 2 Bay SATA Hard Drive RAID Enclosure w Fan for 3.5" and 2.5" drives
U357-025-2 TRIPPLITE-U357-025-2 Datasheet
171Kb / 3P
Dual-Bay USB 3.0 SuperSpeed to 2.5 in. SATA III Portable Hard Drive RAID Enclosure with UASP Support
U357-025-SEC TRIPPLITE-U357-025-SEC Datasheet
173Kb / 3P
USB 3.0 SuperSpeed to 2.5 in. SATA III Encrypted Hard Drive Enclosure with Keypad Lock and UASP Support
U357-025-UASP TRIPPLITE-U357-025-UASP Datasheet
164Kb / 3P
USB 3.0 SuperSpeed External 2.5 in. SATA Hard Drive Enclosure with Built-In Cable and UASP Support
logo
NXP Semiconductors
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com