Electronic Components Datasheet Search
  English  ▼

X  

SP600 Datasheet(PDF) 2 Page - A-Data Technology

Part # SP600
Description  ADATA Premier Pro SP600 Soild State Drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SP600 Datasheet(HTML) 2 Page - A-Data Technology

  SP600 Datasheet HTML 1Page - A-Data Technology SP600 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adata-group.com
Ordering Information
Product: Premier Pro SP600
ADATA Part No.
Capacity
32GB
64GB
128GB
ASP600S3-32GM-C
ASP600S3-64GM-C
ASP600S3-128GM-C
EAN Code
4713435795880
4713435795897
4713435795903
Packaging Information
Dimensions
Type
Weight
SP600
152g
130 X 138 X 25mm
PCs/Carton
40
CUFT
1.4
Carton Gross Weight
7.5
Carton Dimensions
346 X 355 X 300mm
Performance
*Test System: Gigabyte GA-Z68AP-D3, Intel i3 2100K, 4GB DDR3 RAM, Windows 7 Professional Version
Up to 47
Up to 75
Up to 130
Up to 250
Up to 360
Up to 360
32GB
64GB
128GB
Capacity
Sequential Write
AS SSD
(MB/sec)
Sequential Read
AS SSD
(MB/sec)
105
150
160
40
65
105
4K Random
Read AS SSD
(MB/sec)
4K Random
Write AS SSD
(MB/sec)
ADATA Premier Pro SP600 Solid State Drive
61.71
3
69.85 0.25
Dimensional Drawings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com