Electronic Components Datasheet Search
  English  ▼

X  

MENB1020 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1020
Description  Medical Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1020 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1020 Datasheet HTML 1Page - SL Power Electronics MENB1020 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________
2 of 2
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1020A0303F01
3.3 V
3.00 A
9.9 W
50 mV
MENB1020A0503F01
5 V
3.00 A
15.0 W
50 mV
MENB1020A0603F01
6 V
2.50 A
15.0 W
60 mV
MENB1020A0703F01
7.5 V
2.00 A
15.0 W
75 mV
MENB1020A0903F01
9 V
2.00 A
18.0 W
90mV
MENB1020A1203F01
12 V
1.50 A
18.0 W
120mV
MENB1020A1403F01
14 V
1.20 A
16.8 W
140mV
MENB1020A1503F01
15 V
1.20 A
18.0 W
150mV
MENB1020A1803F01
18 V
1.00 A
18.0 W
180mV
MENB1020A2403F01
24 V
0.75 A
18.0 W
240mV
MENB1020A4803F01
48 V
0.40 A
19.2 W
440mV
Notes: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Model Number Key
VV 03
MENB
01
1 020 A
F
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see below
Output Connector: "03" = 2.5m m Barrel Type Connector. Other options available, contact factory.
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"020" = 20 Watts
# of Outputs
"1" = Single Output
IEC320 - C14
IEC320 - C18
IEC320 - C8
N. Am erica
N. Am erica
Europe
United
Australia
Class I
Class II
Class II
Japan
Japan
Kingdom
Grounded
Ungro unde d
"Shaver"
Int e rc ha nga ble
Fixed
Fixed
Fixed
Fixed
(F)
(Q)
(N)
(B)
(C)
(M)
(G)
(H)
Notes:
Notes:
1. Ault #3 Connector, center contact (+).
2. Connector is Sw itchcraft 760 plug or equivalent.
Mating connector is Sw itchcraft 712A or equivalent.
3. Other connector options are available. Contact your local
SL Pow er Representative for details.
Output Connector
the receptacle chosen. The N. A. blade version (B) w ill be an interchangeable blade.
3. Blade Kit is available w hich w ill include one each of a EU, UK, and Australian blade. Kit part #
2. For Wall-Plug options, choose the applicable letter above and the unit w ill be fitted w ith
is KT1027K. These can be used w ith the (B) version, to allow blades to be changed.
The other options (C), (M), (G), and (H) w ill be fixed blades m olded in the case.
AC Input Receptacle Options
Desktop
1. For desktop options, choose applicable letter above.
Wall-Plug
Desktop Style
Wall-plug Style (Option “B” shown)
Data Sheet © 2010 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-22-2010
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Outline Drawing
ITE Switch Mode Power Supply
3 Year Warranty
MENB1020
Universal 20 Watt Series
DATE
CODE
Medical Switch Mode Power Supply
3 Year Warranty
DATE
CODE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com