Electronic Components Datasheet Search
  English  ▼

X  

MENB1060 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1060
Description  Medical Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1060 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1060 Datasheet HTML 1Page - SL Power Electronics MENB1060 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1060A0551F01
5 V
7.00 A
35.0 W
50mV
MENB1060A0903F01
9 V
6.00 A
54.0 W
90mV
MENB1060A1203F01
12 V
5.00 A
60.0 W
120mV
MENB1060A1503F01
15 V
4.00 A
60.0 W
150mV
MENB1060A1803F01
18 V
3.40 A
61.2 W
180mV
MENB1060A2403F01
24 V
2.70 A
64.8 W
240mV
Model Number Key
VV 03
MENB
01
1 060 A
F
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see next page.
Output Connector: "03" = 2.5m m Barrel Type Connector. Other options available, contact factory.
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"060" = 60 Watts
# of Outputs
"1" = Single Output
Output Connector
Output Connector (5V Model)
IEC320 C14
IEC320 C18
IEC320 C8
Grounded Ungrounded
"Shaver"
(F)
(Q)
(N)
Input Receptacle Options
Pins 1,4 = (+), Pins 3,6 = (-)
Dimensions are in mm (Cable length is 1200mm on 5V thru 12V models)
Data Sheet © 2010 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-22-2010
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Outline Drawing
Medical Switch Mode Power Supply
3 Year Warranty
MENB1060
Universal 60 Watt Series
DATE CODE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com