Electronic Components Datasheet Search
  English  ▼

X  

SP900 Datasheet(PDF) 1 Page - A-Data Technology

Part # SP900
Description  ADATA Premier Pro SP900 Solid State Drive SATA 6Gb/sec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SP900 Datasheet(HTML) 1 Page - A-Data Technology

  SP900 Datasheet HTML 1Page - A-Data Technology SP900 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.adata-group.com
Features
> MTBF: 1,000,000 hrs
> TRIM Support (requires OS support)
> NCQ Support
> Self-Monitoring, Analysis and Reporting Technology (S.M.A.R.T.) Support
> Backwards compatible with SATA II
> 3.5” desktop conversion bracket
> Acronis True Image HD, Disk Migration Utility
> 3-Year warranty
> OS Compatibility: Windows 7 / Windows XP / Windows Vista / Mac OS X / Linux
ADATA Premier Pro SP900 Solid State Drive
SATA 6Gb/sec
Specifications
> Capacities: 64/128/256 GB
> NAND Flash Components: 2xnm Multi-Level Cell (MLC) Asynchronous NAND Flash Memory
> Interface: SATA 6Gb/sec (SATA III)
> Controller: SandForce 2281
> Form Factor: 2.5”
> Dimensions: 100 x 69.85 x 9.5mm (L x W x H)
> Weight: 76g
Performance
Test System: ASUS Sabertooth P67, Intel i5 2500K, 8GB DDR3 RAM, Windows 7 Professional Version
Up to 505
Up to 550
Up to 520
Up to 550
Up to 530
Up to 555
75
145
255
55
95
150
75
140
215
185
210
220
64 GB
128 GB
256 GB
Capacity
Write Speed
ATTO
(MB/sec)
Read speed
ATTO
(MB/sec)
Sequential
Write AS-SSD
(MB/sec)
Sequential
Read AS-SSD
(MB/sec)
4K Random
Write AS-SSD
(MB/sec)
4K Random
Read AS-SSD
(MB/sec)


Similar Part No. - SP900

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP900108-1 DBUNLIMITED-SP900108-1 Datasheet
553Kb / 1P
Released from Engineering
SP900204-1 DBUNLIMITED-SP900204-1 Datasheet
560Kb / 1P
Released from Engineering
SP900208-1 DBUNLIMITED-SP900208-1 Datasheet
557Kb / 1P
Released from Engineering
SP900216-1 DBUNLIMITED-SP900216-1 Datasheet
554Kb / 1P
Released from Engineering
logo
Texas Instruments
SP900S-90 TI1-SP900S-90 Datasheet
436Kb / 17P
A 0.9-A Constant Current Supply with PFC for 100-W LED
More results

Similar Description - SP900

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AUSDH8GUI1-R A-DATA-AUSDH8GUI1-R Datasheet
452Kb / 1P
ADATA Premier Pro microSDHC UHS-I
S510 A-DATA-S510 Datasheet
405Kb / 2P
ADATA S510 Solid State Drive
SDHCUHS-I A-DATA-SDHCUHS-I Datasheet
1Mb / 1P
ADATA Premier SDHC/SDXC UHS-I CLASS
SP600 A-DATA-SP600 Datasheet
686Kb / 2P
ADATA Premier Pro SP600 Soild State Drive
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
SX300 A-DATA-SX300 Datasheet
553Kb / 2P
ADATA XPG SX300/Premier Pro SP300
SX900 A-DATA-SX900 Datasheet
552Kb / 2P
ADATA XPG SX900 Solid State Drive
SX910 A-DATA-SX910 Datasheet
486Kb / 3P
ADATA XPG SX910 Solid State Drive
UHS-I A-DATA-UHS-I Datasheet
1Mb / 1P
ADATA Premier SDHC/SDXC UHS-I CLASS
logo
Transcend Information. ...
MTS400S TRANSCEND-MTS400S Datasheet
780Kb / 3P
SATA III M.2 Solid State Drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com