Electronic Components Datasheet Search
  English  ▼

X  

MENB1100 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1100
Description  Medical Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1100 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1100 Datasheet HTML 1Page - SL Power Electronics MENB1100 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"100" = 100 Watts
# of Outputs
"1" = Single Output
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see below
Output Connector: "51" = Molex 39-01-2060 or equivalent. Other options available, contact factory.
Model Number Key
VV 51
MENB
01
1 100 A
F
Input Receptacle
Output Connector
Output Connector (12V & 15V models)
IEC320 C14 - Class I
Grounded (F)
“#3” Connector is 2.5mm barrel type, center (+)
“#51” Connector is Molex 39-01-2060 or equivalent.
“51" Connector Pinout: Pins 1, 4: (+), Pins 3, 6: (-). Mate = Molex 39-01-2061 or equiv.
Dimensions are in mm. “#3” Connector shown.
Data Sheet © 2011 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 4-25-2011
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1100A1251F01
12 V
7.5 A
90 W
120mV
MENB1100A1551F01
15 V
6.4 A
96 W
150mV
MENB1100A1803F01
18 V
5.6 A
101 W
180mV
MENB1100A2403F01
24 V
4.2 A
101 W
240mV
Outline Drawing
MENB1100
Universal Input 100 Watt Series
Medical Switch-Mode Power Supply
3 Year Warranty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com