Electronic Components Datasheet Search
  English  ▼

X  

SX910 Datasheet(PDF) 2 Page - A-Data Technology

Part # SX910
Description  ADATA XPG SX910 Solid State Drive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SX910 Datasheet(HTML) 2 Page - A-Data Technology

  SX910 Datasheet HTML 1Page - A-Data Technology SX910 Datasheet HTML 2Page - A-Data Technology SX910 Datasheet HTML 3Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.adata-group.com
Packaging Information
ADATA XPG SX910 Solid State Drive
Performance
Test System: ASUS Sabertooth P67, Intel i5 2500K, 8GB DDR3 RAM, Windows 7 Professional Version
Up to 520
Up to 530
Up to 465
Up to 550
Up to 550
Up to 540
128 GB
256 GB
512 GB
Capacity
Write Speed
(MB/sec)
Read speed
(MB/sec)
182
320
240
486
510
490
Sequential
Write AS-SSD
(MB/sec)
115
200
215
4K Random
Read AS-SSD
(MB/sec)
175
240
150
4K Random
Write AS-SSD
(MB/sec)
Sequential
Read AS-SSD
(MB/sec)
Type
Dimensions
Weight
CUFT
Carton
Gross Weight
130 X 138 X 25 mm
152g
SX910
1.4
40
7.5
346 X 355 X 300 mm
Carton Dimensions
PCs/Carton
Ordering Information
Capacity
128 GB
256 GB
512 GB
ADATA Part No.
ASX910S3-128GM-C
ASX910S3-256GM-C
ASX910S3-512GM-C
EAN Code
4713435795217
4713435795408
4713435795415
Operating Humidity
Storing Humidity
Max Operating Altitude
Certification
Warranty
10% to 90% RH(0° to 40°C)
5% to 90% RH(-10° to 40°C)
12000m
CE/FCC/VCCI/BSMI
5 Years



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com