Electronic Components Datasheet Search
  English  ▼

X  

231 Datasheet(PDF) 1 Page - Marl International Limited

Part # 231
Description  Direct replacement for BA15s
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

231 Datasheet(HTML) 1 Page - Marl International Limited

  231 Datasheet HTML 1Page - Marl International Limited 231 Datasheet HTML 2Page - Marl International Limited 231 Datasheet HTML 3Page - Marl International Limited 231 Datasheet HTML 4Page - Marl International Limited 231 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
231 series
• Direct replacement for BA15s
• Bi-polar termination
• Internal potting for increased reliability
• Warm white LEDs may be used behind coloured lens as a
true replacement for a filament lamp
• Water clear lens
• 6 LED cluster
• Pack Quantity = 5 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
231-501-21
Red
12 Vdc
20
2800
660
-40 - +85
-40 - +85
A
231-521-21
Yellow
12 Vdc
20
6100
580-590
-40 - +80
-40 - +120
D
231-532-21
Green
12 Vdc
20
34700
525
-30 - +85
-40 - +100
D
231-930-21
Blue
12 Vdc
20
9870
468
-30 - +85
-40 - +100
U
231-997-21
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
231-993-21
Warm White
12 Vdc
20
21000
* See below
-30 - +85
-40 - +100
I
231-501-23
Red
24-28 Vdc
20
2800
660
-40 - +85
-40 - +85
A
231-521-23
Yellow
24-28 Vdc
20
6100
580-590
-40 - +80
-40 - +120
D
231-532-23
Green
24-28 Vdc
20
34700
525
-30 - +85
-40 - +100
D
231-930-23
Blue
24-28 Vdc
20
9870
468
-30 - +85
-40 - +100
U
231-997-23
White
24-28 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
231-993-23
Warm White
24-28 Vdc
20
21000
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 231 - version 2012-12-06-113547
page 1 of 5


Similar Part No. - 231

ManufacturerPart #DatasheetDescription
logo
Littelfuse
231 LITTELFUSE-231 Datasheet
70Kb / 2P
MINIATURE FUSES - 6.3x32 mm
231 LITTELFUSE-231 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
logo
3M Electronics
231 3M-231 Datasheet
126Kb / 5P
3M™ High Performance Masking Tape 231/231A
Jul-2015
logo
France Joint
231 FRANCEJOINT-231 Datasheet
370Kb / 2P
ROD SEALS
logo
Marquardt Management SE
231 009 011 MARQUARDT-231 009 011 Datasheet
547Kb / 5P
SERIES 1004 / 1005 / 1006 - ENCLOSED SNAP ACTION SWITCHES
More results

Similar Description - 231

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
Direct replacement for T6.8 Slide Base
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
217 MARL-217 Datasheet
284Kb / 5P
Direct replacement for E27 (European Standard)
240 MARL-240 Datasheet
202Kb / 4P
Direct replacement for BA15d
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
258 MARL-258 Datasheet
266Kb / 5P
Direct replacement for T6.8 Slide Base
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
Direct replacement for BA15s
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
Direct replacement for BA15d
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com