Electronic Components Datasheet Search
  English  ▼

X  

238 Datasheet(PDF) 1 Page - Marl International Limited

Part # 238
Description  Direct replacement for T6.8 Slide Base
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

238 Datasheet(HTML) 1 Page - Marl International Limited

  238 Datasheet HTML 1Page - Marl International Limited 238 Datasheet HTML 2Page - Marl International Limited 238 Datasheet HTML 3Page - Marl International Limited 238 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
238 series
• Direct replacement for T6.8 Slide Base
• Railtrack Approved PA05/697
• True bi-polar product; AC and DC operation
• Flat topped for enhanced, even illumination of large lens
areas
• Water clear lens
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
238-501-98
Red
24 Vdc
20
2800
660
-40 - +85
-40 - +85
A
238-521-98
Yellow
24 Vdc
20
6100
580-590
-40 - +80
-40 - +120
D
238-532-98
Green
24 Vdc
18
34700
525
-30 - +85
-40 - +100
D
238-997-98
White
24 Vdc
18
27000
* See below
-30 - +85
-40 - +100
I
238-501-93
Red
28 Vdc
16
2800
660
-40 - +85
-40 - +85
A
238-521-93
Yellow
28 Vdc
16
6100
580-590
-40 - +80
-40 - +120
D
238-532-93
Green
28 Vdc
15
34700
525
-30 - +85
-40 - +100
D
238-997-93
White
28 Vdc
15
27000
* See below
-30 - +85
-40 - +100
I
238-993-93
Warm White
28 Vdc
15
21000
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 238 - version 2012-12-06-113557
page 1 of 4


Similar Part No. - 238

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
238 SWITCH-238 Datasheet
26Kb / 1P
1/4 FLAT PLUG PHONE PLUGS
logo
Keystone Electronics Co...
238 KEYSTONE-238 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Walther-Werke
238 WALTHER-238 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Bulgin Limited. All rig...
238-262 BULGINLIMITED-238-262 Datasheet
6Mb / 26P
IEC Connectors
logo
Marl International Limi...
238-501-93 MARL-238-501-93 Datasheet
167Kb / 4P
FILAMENT REPLACEMENT LEDs - T6.8SB Bi-Polar
More results

Similar Description - 238

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
207 MARL-207 Datasheet
260Kb / 5P
Direct replacement for T1 쩐 Wedge Base F9
208 MARL-208 Datasheet
271Kb / 5P
Direct replacement for T6.8 Slide Base
209 MARL-209 Datasheet
271Kb / 5P
Direct replacement for T5.5 Slide Base
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
231 MARL-231 Datasheet
283Kb / 5P
Direct replacement for BA15s
240 MARL-240 Datasheet
202Kb / 4P
Direct replacement for BA15d
258 MARL-258 Datasheet
266Kb / 5P
Direct replacement for T6.8 Slide Base
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
Direct replacement for T6.8 Slide Base
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
Direct replacement for BA15d
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com