Electronic Components Datasheet Search
  English  ▼

X  

255 Datasheet(PDF) 1 Page - Marl International Limited

Part # 255
Description  Direct replacement for T3 쩌 BA9s Incandescent
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

255 Datasheet(HTML) 1 Page - Marl International Limited

  255 Datasheet HTML 1Page - Marl International Limited 255 Datasheet HTML 2Page - Marl International Limited 255 Datasheet HTML 3Page - Marl International Limited 255 Datasheet HTML 4Page - Marl International Limited 255 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
255 series
• Direct replacement for T3 ¼ BA9s Incandescent
• Unique SOLO technology - Single bi-polar product for multi
voltage operating range 8 - 48 Vac/dc
• Flat topped for enhanced, even illumination of large lens
areas
• Reduces stock and maintenance costs
• Durable to shock and vibration
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
255-501-64-38
Red
8 - 48 Vdc
10
600
630
-40 - +80
-40 - +100
D
255-521-64-38
Yellow
8 - 48 Vdc
10
600
585
-40 - +80
-40 - +100
D
255-532-64-38
Green
8 - 48 Vdc
10
800
515
-40 - +80
-40 - +100
F
255-930-64-38
Blue
8 - 48 Vdc
10
140
465
-30 - +85
-40 - +100
U
255-997-64-38
White
8 - 48 Vdc
10
785
* See below
-30 - +85
-40 - +100
B
255-993-64-38
Warm White
8 - 48 Vdc
10
Call
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 255 - version 2012-12-06-113620
page 1 of 5


Similar Part No. - 255

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
255 TELEDYNE-255 Datasheet
1Mb / 3P
MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
logo
Pentair plc. All rights...
255 PENTAIR-255 Datasheet
1Mb / 20P
This manual is a reference and will not include every system installation situation
logo
Abbatron All Rights Res...
255 ABBATRON-255 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
255 ADAFRUIT-255 Datasheet
70Kb / 2P
ChronoDot - Ultra-precise Real Time Clock - v2.1
logo
Walther-Werke
255 WALTHER-255 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 255

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
210 MARL-210 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
215 MARL-215 Datasheet
286Kb / 5P
Direct replacement for T3 쩌 Bayonet Automobile Cap
261 MARL-261 Datasheet
215Kb / 3P
Direct replacement for T3 쩌 Midget Edison Screw E10
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
Direct replacement for BA15d
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
Direct replacement for T3 쩌 BA9s Incandescent
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
Direct replacement for T3 쩌 Midget Edison Screw E10
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
Direct replacement for T3 쩌 Bayonet Automobile Cap
214-501-75-50 MARL-214-501-75-50_13 Datasheet
251Kb / 5P
Direct replacement for T3 쩌 BA9s Incandescent
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com