Electronic Components Datasheet Search
  English  ▼

X  

261 Datasheet(PDF) 1 Page - Marl International Limited

Part # 261
Description  Direct replacement for T3 쩌 Midget Edison Screw E10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

261 Datasheet(HTML) 1 Page - Marl International Limited

  261 Datasheet HTML 1Page - Marl International Limited 261 Datasheet HTML 2Page - Marl International Limited 261 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
261 series
• Direct replacement for T3 ¼ Midget Edison Screw E10
• Ideal for industrial pushbutton switches and annunciator
panels
• Fully encapsulated for unrivalled vibration and shock
resistance
• Bi-polar and bridge rectified
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
261-990-95-38
White
60 Vdc
10
770
* See below
-30 - +85
-40 - +100
F
261-993-95-38
Warm White
60 Vdc
10
Call
* See below
-30 - +85
-40 - +100
I
261-990-95
White
60 Vdc
10
22000
* See below
-30 - +85
-40 - +100
F
261-993-95
Warm White
60 Vdc
10
21000
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 261 - version 2012-12-06-113635
page 1 of 3


Similar Part No. - 261

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
261 ETC2-261 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
Adafruit Industries
261 ADAFRUIT-261 Datasheet
127Kb / 2P
JST 2-pin cable
7/16/2015
logo
Keystone Electronics Co...
261 KEYSTONE-261 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
logo
English Chain Co. Ltd
261 19 ENGLISHCHAIN-261 19 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
261 22 ENGLISHCHAIN-261 22 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 261

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
210 MARL-210 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
212 MARL-212 Datasheet
266Kb / 5P
Direct replacement for T1 쩐 Lilliput Edison Screw E5
215 MARL-215 Datasheet
286Kb / 5P
Direct replacement for T3 쩌 Bayonet Automobile Cap
255 MARL-255 Datasheet
285Kb / 5P
Direct replacement for T3 쩌 BA9s Incandescent
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
Direct replacement for T3 쩌 BA9s Incandescent
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
Direct replacement for T3 쩌 Midget Edison Screw E10
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
Direct replacement for T3 쩌 Bayonet Automobile Cap
214-501-75-50 MARL-214-501-75-50_13 Datasheet
251Kb / 5P
Direct replacement for T3 쩌 BA9s Incandescent
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
Direct replacement for T3 쩌 Midget Edison Screw E10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com