Electronic Components Datasheet Search
  English  ▼

X  

508 Datasheet(PDF) 1 Page - Marl International Limited

Part # 508
Description  횠8.1mm mounting Robust bright nickel plated brass housing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

508 Datasheet(HTML) 1 Page - Marl International Limited

  508 Datasheet HTML 1Page - Marl International Limited 508 Datasheet HTML 2Page - Marl International Limited 508 Datasheet HTML 3Page - Marl International Limited 508 Datasheet HTML 4Page - Marl International Limited 508 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
508 series
• Ø8.1mm mounting
• Robust bright nickel plated brass housing
• Low profile lens styling, domed lens available
• Smoked lens
• Sealed to IP67, suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
508-501-21
Red
12 Vdc
19
600
630
-40 - +80
-40 - +100
D
508-521-21
Yellow
12 Vdc
19
600
585
-40 - +80
-40 - +100
D
508-532-21
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
508-930-21
Blue
12 Vdc
20
140
465
-30 - +85
-40 - +100
U
508-997-21
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
508-501-23
Red
28 Vdc
20
600
630
-40 - +80
-40 - +100
D
508-521-23
Yellow
28 Vdc
20
600
585
-40 - +80
-40 - +100
D
508-532-23
Green
28 Vdc
20
800
515
-40 - +80
-40 - +100
F
508-930-23
Blue
28 Vdc
20
140
465
-30 - +85
-40 - +100
U
508-997-23
White
28 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 508 - version 2012-12-06-113721
page 1 of 5


Similar Part No. - 508

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
508 ARIES-508 Datasheet
814Kb / 1P
Compatible with Automatic Insertion Equipment
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
Lead-Free 3AB Fuse
logo
France Joint
508 FRANCEJOINT-508 Datasheet
728Kb / 4P
PISTON SEALS
logo
Multicomp Pro
508-0002 MULTICOMP-508-0002 Datasheet
180Kb / 1P
Bouffant Cap
08/07/22
508-0003 MULTICOMP-508-0003 Datasheet
185Kb / 1P
Overshoe
06/07/22
More results

Similar Description - 508

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507 MARL-507 Datasheet
434Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
511 MARL-511 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
514 MARL-514 Datasheet
373Kb / 4P
횠12.7mm mounting Robust bright nickel plated brass housing
515 MARL-515 Datasheet
397Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
531 MARL-531 Datasheet
317Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
603 MARL-603 Datasheet
464Kb / 4P
횠5.0mm mounting Robust bright nickel plated brass housing
604 MARL-604 Datasheet
460Kb / 4P
횠5.0mm mounting Robust bright nickel plated brass housing
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
Robust bright nickel plated brass housing
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com