Electronic Components Datasheet Search
  English  ▼

X  

524 Datasheet(PDF) 1 Page - Marl International Limited

Part # 524
Description  횠8.1mm mounting Robust stainless steel housing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

524 Datasheet(HTML) 1 Page - Marl International Limited

  524 Datasheet HTML 1Page - Marl International Limited 524 Datasheet HTML 2Page - Marl International Limited 524 Datasheet HTML 3Page - Marl International Limited 524 Datasheet HTML 4Page - Marl International Limited 524 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
524 series
• Ø8.1mm mounting
• Robust stainless steel housing
• Sealed to IP67, Suitable for high vibration applications
• Low profile lens styling with a wide viewing angle
• Sunlight readable LEDs
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
524-501-21
Red
12 Vdc
20
600
630
-40 - +80
-40 - +100
D
524-521-21
Yellow
12 Vdc
20
600
585
-40 - +80
-40 - +100
D
524-532-21
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
524-930-21
Blue
12 Vdc
20
140
465
-30 - +85
-40 - +100
U
524-997-21
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
524-501-23
Red
28 Vdc
20
600
630
-40 - +80
-40 - +100
D
524-521-23
Yellow
28 Vdc
20
600
585
-40 - +80
-40 - +100
D
524-532-23
Green
28 Vdc
20
800
515
-40 - +80
-40 - +100
F
524-930-23
Blue
28 Vdc
20
140
465
-30 - +85
-40 - +100
U
524-997-23
White
28 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 524 - version 2012-12-06-113800
page 1 of 5


Similar Part No. - 524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
524 ETC2-524 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
524 FRANCEJOINT-524 Datasheet
739Kb / 4P
PISTON SEALS
logo
Legrand North America, ...
524 01 LEGRAND-524 01 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
524 01 + 524 19 LEGRAND-524 01 + 524 19 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
524 02 LEGRAND-524 02 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
More results

Similar Description - 524

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507 MARL-507 Datasheet
434Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
508 MARL-508 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
528 MARL-528 Datasheet
432Kb / 5P
횠13.0mm mounting Robust stainless steel housing, sealed to IP67
676 MARL-676 Datasheet
421Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
677 MARL-677 Datasheet
459Kb / 5P
EMC version with internal stainless steel mesh 횠8.1mm mounting
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
Robust stainless steel housing
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
Robust stainless steel housing, sealed to IP67
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
Stainless Steel housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com