Electronic Components Datasheet Search
  English  ▼

X  

528 Datasheet(PDF) 1 Page - Marl International Limited

Part # 528
Description  횠13.0mm mounting Robust stainless steel housing, sealed to IP67
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

528 Datasheet(HTML) 1 Page - Marl International Limited

  528 Datasheet HTML 1Page - Marl International Limited 528 Datasheet HTML 2Page - Marl International Limited 528 Datasheet HTML 3Page - Marl International Limited 528 Datasheet HTML 4Page - Marl International Limited 528 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
528 series
• Ø13.0mm mounting
• Robust stainless steel housing, sealed to IP67
• Low profile, colour diffused lens styling
• Sunlight readable LEDs
• Suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
528-501-21
Red
12 Vdc
19
600
630
-40 - +80
-40 - +100
D
528-521-21
Yellow
12 Vdc
19
600
585
-40 - +80
-40 - +100
D
528-532-21
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
528-930-21
Blue
12 Vdc
20
140
465
-30 - +85
-40 - +100
U
528-997-21
White
12 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
528-501-23
Red
28 Vdc
20
600
630
-40 - +80
-40 - +100
D
528-521-23
Yellow
28 Vdc
20
600
585
-40 - +80
-40 - +100
D
528-532-23
Green
28 Vdc
20
800
515
-40 - +80
-40 - +100
F
528-930-23
Blue
28 Vdc
20
140
465
-30 - +85
-40 - +100
U
528-997-23
White
28 Vdc
20
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 528 - version 2012-12-06-113813
page 1 of 5


Similar Part No. - 528

ManufacturerPart #DatasheetDescription
logo
Legrand North America, ...
528 43 LEGRAND-528 43 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
528 44 LEGRAND-528 44 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
528 53 LEGRAND-528 53 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
528 54 LEGRAND-528 54 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
528 62 LEGRAND-528 62 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
More results

Similar Description - 528

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502 MARL-502 Datasheet
433Kb / 5P
횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
524 MARL-524 Datasheet
434Kb / 5P
횠8.1mm mounting Robust stainless steel housing
611 MARL-611 Datasheet
450Kb / 5P
횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
612 MARL-612 Datasheet
451Kb / 5P
횠6.35mm mounting Black anodised aluminium housing, sealed to IP67
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
Robust stainless steel housing
528-501-21_1312 MARL-528-501-21_1312 Datasheet
432Kb / 5P
Robust stainless steel housing, sealed to IP67
611-301-21_1309 MARL-611-301-21_1309 Datasheet
450Kb / 5P
Black anodised aluminium housing, sealed to IP67
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
Stainless Steel housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com