Electronic Components Datasheet Search
  English  ▼

X  

532 Datasheet(PDF) 1 Page - Marl International Limited

Part # 532
Description  횠12.7mm mounting Product will operate over a wide voltage range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

532 Datasheet(HTML) 1 Page - Marl International Limited

  532 Datasheet HTML 1Page - Marl International Limited 532 Datasheet HTML 2Page - Marl International Limited 532 Datasheet HTML 3Page - Marl International Limited 532 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
532 series
• Ø12.7mm mounting
• Product will operate over a wide voltage range
• Robust stainless steel housing, sealed to IP67
• Colour diffused lens
• 180º viewing angle
• Full internal potting to resist shock & vibration
• True bi-polar product for low voltage DC applications
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
532-102-63
Red
12-28
6-16
500
660
-40 - +85
-40 - +85
B
532-111-63
Yellow
12-28
8-20
45
590
-40 - +85
-40 - +85
B
532-114-63
Green
12-28
8-20
45
565
-40 - +85
-40 - +85
C
532-102-75
Red
110 Vac
6
500
660
-40 - +85
-40 - +85
B
532-111-75
Yellow
110 Vac
6
45
590
-40 - +85
-40 - +85
B
532-114-75
Green
110 Vac
6
45
565
-40 - +85
-40 - +85
C
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 532 - version 2012-12-11-173503
page 1 of 4


Similar Part No. - 532

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
532 WALTHER-532 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
LM Technologies Ltd
532-1013 LMTECHNOLOGIES-532-1013 Datasheet
12Mb / 6P
LM53X Development and Evaluation Product Family
5/APR/2017
532-1014 LMTECHNOLOGIES-532-1014 Datasheet
12Mb / 6P
LM53X Development and Evaluation Product Family
5/APR/2017
logo
Marl International Limi...
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
industrial panel lamps
More results

Similar Description - 532

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
537 MARL-537 Datasheet
316Kb / 5P
횠8.1mm mounting Product will operate over a wide input voltage range
538 MARL-538 Datasheet
395Kb / 5P
횠12.7mm mounting Product will operate over a wide input voltage range
652 MARL-652 Datasheet
406Kb / 4P
횠12.7mm mounting Product will operate over a wide voltage range
698 MARL-698 Datasheet
356Kb / 4P
횠8.1mm mounting Product will operate over a wide input voltage range
699 MARL-699 Datasheet
359Kb / 4P
횠12.7mm mounting Product will operate over a wide input voltage range
532-102-63_1307 MARL-532-102-63_1307 Datasheet
256Kb / 4P
Product will operate over a wide voltage range
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
Product will operate over a wide voltage range
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
Product will operate over a wide voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
Product will operate over a wide input voltage range
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com