Electronic Components Datasheet Search
  English  ▼

X  

MENT1150 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENT1150
Description  Universal Input 150 Watt Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENT1150 Datasheet(HTML) 2 Page - SL Power Electronics

  MENT1150 Datasheet HTML 1Page - SL Power Electronics MENT1150 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Model Number Key
VV 51
MENT
01
1 150 A
F
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, contact the factory.
Output Connector: "51" = Molex 39-01-3065 or equiv. Other options available, contact the factory.
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NT" = Model Series Designator
Output Pow er:
"150" = 150 Watts
# of Outputs
"1" = Single Output
Input Recept.
IEC320 - C14
Class I
Grounded (F)
#3 Output Connector - 2.5m m barrel type, center (+)
#51 Output Connector - Molex 39-01-2060 or equiv.
Mate = Molex 39-01-2061 or equiv.
Data Sheet © 2011 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 3-28-2011
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENT1150A1251F01
12V
11.67 A
140W
120mV
MENT1150A1551F01
15V
9.33 A
140W
150mV
MENT1150A1851F01
18V
7.78 A
140W
180mV
MENT1150A2451F01
24V
6.25 A
150W
240mV
MENT1150A2851F01
28V
5.35 A
150W
280mV
MENT1150A4851F01
48V
3.12 A
150W
480mV
Outline Drawing
MENT1150
Universal Input 150 Watt Series
Medical / ITE Switch-Mode Power Supply
3 Year Warranty
Pin No. Wire AWG & Color
Desig.
1
18AWG RED
+Vout
2
18AWG BLUE
GND
3
18AWG GREEN
GND
4
18AWG WHITE
+Vout
5
18AWG YELLOW
+Vout
6
18AWG BLACK
GND
Connector Pinout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com