Electronic Components Datasheet Search
  English  ▼

X  

533 Datasheet(PDF) 1 Page - Marl International Limited

Part # 533
Description  533 series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

533 Datasheet(HTML) 1 Page - Marl International Limited

  533 Datasheet HTML 1Page - Marl International Limited 533 Datasheet HTML 2Page - Marl International Limited 533 Datasheet HTML 3Page - Marl International Limited 533 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
533 series
• Ø12.7mm mounting
• Product will operate over a wide voltage range
• Robust bright nickel plated brass housing
• 180º viewing angle with a colour diffused lens
• Fully internally potted to resist shock and vibration
• Sealed to IP67
• True bi-polar product
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
533-105-63
Red
12-28
6-16
95
625
-40 - +85
-40 - +85
B
533-102-63
Red
12-28
6-16
500
660
-40 - +85
-40 - +85
B
533-111-63
Yellow
12-28
6-16
45
590
-40 - +85
-40 - +85
B
533-114-63
Green
12-28
6-16
45
565
-40 - +85
-40 - +85
C
533-105-75
Red
110 Vac
6
95
625
-40 - +85
-40 - +85
B
533-102-75
Red
110 Vac
6
500
660
-40 - +85
-40 - +85
B
533-111-75
Yellow
110 Vac
6
45
590
-40 - +85
-40 - +85
B
533-114-75
Green
110 Vac
6
45
565
-40 - +85
-40 - +85
C
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 533 - version 2012-12-06-113832
page 1 of 4


Similar Part No. - 533

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
533 VISHAY-533 Datasheet
100Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
533 VISHAY-533 Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
533 VISHAY-533 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
logo
Abbatron All Rights Res...
533 ABBATRON-533 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Wiha Tools
533 WIHA-533 Datasheet
197Kb / 1P
Wiha MicroFinish Extra Heavy Duty Handle
More results

Similar Description - 533

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Axiomtek Co., Ltd.
ETM830 AXIOMTEK-ETM830 Datasheet
205Kb / 1P
DDR2-533/667 max. up to 2 GB
logo
AAEON Technology
GENE-5312 AAEON-GENE-5312 Datasheet
431Kb / 1P
Onboard AMD Geode??GX 466/533 Series Processors
GENE-6315 AAEON-GENE-6315 Datasheet
309Kb / 1P
Onboard VIA Mark Series Processors 533/800 MHz
PCM-5893 AAEON-PCM-5893 Datasheet
349Kb / 1P
Onboard AMD Geode??GX 466/ 500 (Optional)/ 533 Series Processors
PFM-550S AAEON-PFM-550S Datasheet
220Kb / 1P
Onboard VIA Mark??533 MHz Processor
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
List of Unclassifed Man...
ET900 ETC2-ET900 Datasheet
1Mb / 1P
Supports Intel짰 Core?? Duo processors, 533/667MHz FSB
logo
NXP Semiconductors
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
PHOENIX CONTACT
2700181 PHOENIX-2700181 Datasheet
88Kb / 4P
FL MGUARD SMART/533 VPN
Feb 4, 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com