Electronic Components Datasheet Search
  English  ▼

X  

538 Datasheet(PDF) 2 Page - Marl International Limited

Part # 538
Description  횠12.7mm mounting Product will operate over a wide input voltage range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

538 Datasheet(HTML) 2 Page - Marl International Limited

  538 Datasheet HTML 1Page - Marl International Limited 538 Datasheet HTML 2Page - Marl International Limited 538 Datasheet HTML 3Page - Marl International Limited 538 Datasheet HTML 4Page - Marl International Limited 538 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
* = Current version
^ = Voltage version
BS EN ISO 9001:2008
approved manufacturer
538 series
3
29
6
3
29
5
12.7
+0.3
0
Mounting Hole
Mounting hole to be clean and burr free.
Below 50Vac/dc
Above 50Vac/dc
housing material
Body
Nut
Panel Seal
push on connectors
Header
Termination
Lens
Encapsulation
Lock Washer
925-000-00 is brass tin plated - for use
with 538 series lamps
Dimensions in mm (typical). Not to scale.
Stainless Steel Grade 303
Stainless Steel Grade 303
Viton
Copper with Silver flash finish
Polycarbonate
PC5430 Resin
Stainless Steel
Nylon 6 A82
538
825
N/A
12.7
1.0
26.0
2.0 - 10.0
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 538 - version 2012-12-06-113852
page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com