Electronic Components Datasheet Search
  English  ▼

X  

604 Datasheet(PDF) 1 Page - Marl International Limited

Part # 604
Description  횠5.0mm mounting Robust bright nickel plated brass housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

604 Datasheet(HTML) 1 Page - Marl International Limited

  604 Datasheet HTML 1Page - Marl International Limited 604 Datasheet HTML 2Page - Marl International Limited 604 Datasheet HTML 3Page - Marl International Limited 604 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
604 series
• Ø5.0mm mounting
• Robust bright nickel plated brass housing
• Sealed to IP67
• Smoked lens with a wide viewing angle
• Suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
604-301-04
Red
2.1* Vdc
20
900
660
-40 - +85
-40 - +85
A
604-325-04
Yellow
2.2* Vdc
20
3500
590
-40 - +100
-40 - +120
Y
604-324-04
Green
2.2* Vdc
20
36000
523
-30 - +85
-40 - +100
R
604-934-04
Blue
2.2* Vdc
20
7485
468
-30 - +85
-40 - +100
R
604-998-04
White
2.2* Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
604-301-23
Red
28 Vdc
20
900
660
-40 - +85
-40 - +85
A
604-325-23
Yellow
28 Vdc
20
3500
590
-40 - +100
-40 - +120
Y
604-324-23
Green
28 Vdc
20
36000
523
-30 - +85
-40 - +100
R
604-934-23
Blue
28 Vdc
20
7485
468
-30 - +85
-40 - +100
R
604-998-23
White
28 Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
998
*Typical emission colour White
x
0.287
0.283
0.330
0.330
y
0.295
0.305
0.360
0.339
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 604 - version 2012-12-06-113905
page 1 of 4


Similar Part No. - 604

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
604 ABBATRON-604 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
604 BG-604 Datasheet
110Kb / 2P
JUNCTION BOXES - SELECTIVE ENTRY
logo
List of Unclassifed Man...
604-1 ETC2-604-1 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
604-10 ETC2-604-10 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
604-2 ETC2-604-2 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
More results

Similar Description - 604

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
507 MARL-507 Datasheet
434Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
508 MARL-508 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
511 MARL-511 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
514 MARL-514 Datasheet
373Kb / 4P
횠12.7mm mounting Robust bright nickel plated brass housing
515 MARL-515 Datasheet
397Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
531 MARL-531 Datasheet
317Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
603 MARL-603 Datasheet
464Kb / 4P
횠5.0mm mounting Robust bright nickel plated brass housing
507-501-21_1312 MARL-507-501-21_1312 Datasheet
434Kb / 5P
Robust bright nickel plated brass housing
508-501-21_1312 MARL-508-501-21_1312 Datasheet
433Kb / 5P
Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com